Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR32AP Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 10Page - ATMEL Corporation AVR32AP Datasheet HTML 11Page - ATMEL Corporation AVR32AP Datasheet HTML 12Page - ATMEL Corporation AVR32AP Datasheet HTML 13Page - ATMEL Corporation AVR32AP Datasheet HTML 14Page - ATMEL Corporation AVR32AP Datasheet HTML 15Page - ATMEL Corporation AVR32AP Datasheet HTML 16Page - ATMEL Corporation AVR32AP Datasheet HTML 17Page - ATMEL Corporation AVR32AP Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 181 page
background image
14
32001A–AVR32–06/06
AVR32
register is written to zero upon reset. Incrementation of the COUNT register can not be disabled.
The COUNT register will increment even though a compare interrupt is pending.
COMPARE - Cycle Counter Compare Register
The COMPARE register holds a value that the COUNT register is compared against. The COM-
PARE register can both be read and written. When the COMPARE and COUNT registers match,
a compare interrupt request is generated. This interrupt request is routed out to the interrupt
controller, which may forward the request back to the processor as a normal interrupt request at
a priority level determined by the interrupt controller. Writing a value to the COMPARE register
clears any pending compare interrupt requests. The compare and exception generation feature
is disabled if the COMPARE register contains the value zero. The COMPARE register is written
to zero upon reset.
TLBEHI - MMU TLB Entry Register High Part
Used to interface the CPU to the TLB. The contents and functionality of the register is described
in detail in Section 4. on page 48.
TLBELO - MMU TLB Entry Register Low Part
Used to interface the CPU to the TLB. The contents and functionality of the register is described
in detail in Section 4. on page 48.
PTBR - MMU Page Table Base Register
Contains a pointer to the start of the Page Table. The contents and functionality of the register is
described in detail in Section 4. on page 48.
TLBEAR - MMU TLB Exception Address Register
Contains the virtual address that caused the most recent MMU error. The contents and function-
ality of the register is described in detail in Section 4. on page 48.
MMUCR - MMU Control Register
Used to control the MMU and the TLB. The contents and functionality of the register is described
in detail in Section 4. on page 48.
TLBARLO/HI - MMU TLB Accessed Register Low/High
Contains the Accessed bits for the TLB. The contents and functionality of the register is
described in detail in Section 4. on page 48.
PCCNT - Performance Clock Counter
Clock cycle counter for performance counters. The contents and functionality of the register is
described in detail in the AVR32 Architecture Manual.
PCNT0 / PCNT1 - Performance Counter 0 / 1
Counts the events specified by the Performance Counter Control Register. The contents and
functionality of the register is described in detail in the AVR32 Architecture Manual.
PCCR - Performance Counter Control Register
Controls and configures the setup of the performance counters. The contents and functionality
of the register is described in detail in the AVR32 Architecture Manual.
BEAR - Bus Error Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com