Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR32AP Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 2 Page - ATMEL Corporation

  AVR32AP Datasheet HTML 1Page - ATMEL Corporation AVR32AP Datasheet HTML 2Page - ATMEL Corporation AVR32AP Datasheet HTML 3Page - ATMEL Corporation AVR32AP Datasheet HTML 4Page - ATMEL Corporation AVR32AP Datasheet HTML 5Page - ATMEL Corporation AVR32AP Datasheet HTML 6Page - ATMEL Corporation AVR32AP Datasheet HTML 7Page - ATMEL Corporation AVR32AP Datasheet HTML 8Page - ATMEL Corporation AVR32AP Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 181 page
background image
2
32001A–AVR32–06/06
AVR32
1.
Introduction
AVR
®32 is a new high-performance 32-bit RISC microprocessor core, designed for cost-sensi-
tive embedded applications, with particular emphasis on low power consumption and high code
density. In addition, the instruction set architecture has been tuned to allow for a variety of
microarchitectures, enabling the AVR32 to be implemented as low-, mid- or high-performance
processors.
1.1
The AVR family
The AVR family was launched by Atmel
® in 1996 and has had remarkable success in the 8-and
16-bit flash microcontroller market. AVR32 complements the current AVR microcontrollers.
Through the AVR32 family, the AVR is extended into a new range of higher performance appli-
cations that is currently served by 32- and 64-bit processors
To truly exploit the power of a 32-bit architecture, the new AVR32 architecture is not binary com-
patible with earlier AVR architectures. In order to achieve high code density, the instruction
format is flexible providing both compact instructions with 16 bits length and extended 32-bit
instructions. While the instruction length is only 16 bits for most instructions, powerful 32-bit
instructions are implemented to further increase performance. Compact and extended instruc-
tions can be freely mixed in the instruction stream.
1.2
The AVR32 Microprocessor Architecture
The AVR32 is a new innovative microprocessor architecture. It is a fully synchronous synthesi-
sable RTL design with industry standard interfaces, ensuring easy integration into SoC designs
with legacy intellectual property (IP). Through a quantitative approach, a large set of industry
recognized benchmarks have been compiled and analyzed to achieve the best code density in
its class of microprocessor architectures. In addition to lowering the memory requirements, a
compact code size also contributes to the core’s low power characteristics. The processor sup-
ports byte and half-word data types without penalty in code size and performance.
Memory load and store operations are provided for byte, half-word, word and double word data
with automatic sign- or zero extension of half-word and byte data. The C-compiler is closely
linked to the architecture and is able to exploit code optimization features, both for size and
speed.
In order to reduce code size to a minimum, some instructions have multiple addressing modes.
As an example, instructions with immediates often have a compact format with a smaller imme-
diate, and an extended format with a larger immediate. In this way, the compiler is able to use
the format giving the smallest code size.
Another feature of the instruction set is that frequently used instructions, like add, have a com-
pact format with two operands as well as an extended format with three operands. The larger
format increases performance, allowing an addition and a data move in the same instruction in a
single cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com