Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR32AP Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 9Page - ATMEL Corporation AVR32AP Datasheet HTML 10Page - ATMEL Corporation AVR32AP Datasheet HTML 11Page - ATMEL Corporation AVR32AP Datasheet HTML 12Page - ATMEL Corporation AVR32AP Datasheet HTML 13Page - ATMEL Corporation AVR32AP Datasheet HTML 14Page - ATMEL Corporation AVR32AP Datasheet HTML 15Page - ATMEL Corporation AVR32AP Datasheet HTML 16Page - ATMEL Corporation AVR32AP Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 181 page
background image
13
32001A–AVR32–06/06
AVR32
ished and the rets / rete instruction is encountered, the RSR associated with I is copied to SR,
and the execution continues in the original context C.
RSR_DBG - Return Status Register for Debug Mode
When Debug mode is entered, the status register contents of the original mode is automatically
saved in this register. When the debug routine is finished, the retd instruction copies the con-
tents of RSR_DBG into SR.
RAR_SUP, RAR_INT0, RAR_INT1, RAR_INT2, RAR_INT3, RAR_EX, RAR_NMI - Return
Address Registers
If a request for a mode change, for instance an interrupt request, is accepted when executing in
a context C, the re-entry address of context C is automatically stored in the Return Address Reg-
ister (RAR) associated with the interrupt context I. When the execution in the interrupt state I is
finished and the rets / rete instruction is encountered, a change-of-flow to the address in the
RAR associated with I, and the execution continues in the original context C.
RAR_DBG - Return Address Register for Debug Mode
When Debug mode is entered, the Program Counter contents of the original mode is automati-
cally saved in this register. When the debug routine is finished, the retd instruction copies the
contents of RAR_DBG into PC.
JECR - Java Exception Cause Register
This register contains information needed for Java traps. See Java Technical Reference Manual
for details.
JOSP - Java Operand Stack Pointer
This register holds the Java Operand Stack Pointer. See Java Technical Reference Manual for
details. The register is initialized to 0 at reset.
JAVA_LVx - Java Local Variable Registers
The Java Extension Module uses these registers to temporarily store local variables. See Java
Technical Reference Manual for details.
JTBA - Java Trap Base Address
This register contains the base address to the program code for the trapped Java instructions.
See Java Technical Reference Manual for details.
JBCR - Java Write Barrier Control Register
This register is used by the garbage collector in the Java Virtual Machine. See Java Technical
Reference Manual for details.
CONFIG0 / 1 - Configuration Register 0 / 1
Used to describe the processor, its configuration and capabilities. The contents and functionality
of these registers is described in detail in Section 2.6 on page 16.
COUNT - Cycle Counter Register
The COUNT register increments once every clock cycle, regardless of pipeline stalls and
flushes. The COUNT register can both be read and written. The count register can be used
together with the COMPARE register to create a timer with interrupt functionality. The COUNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com