Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR32AP Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 45Page - ATMEL Corporation AVR32AP Datasheet HTML 46Page - ATMEL Corporation AVR32AP Datasheet HTML 47Page - ATMEL Corporation AVR32AP Datasheet HTML 48Page - ATMEL Corporation AVR32AP Datasheet HTML 49Page - ATMEL Corporation AVR32AP Datasheet HTML 50Page - ATMEL Corporation AVR32AP Datasheet HTML 51Page - ATMEL Corporation AVR32AP Datasheet HTML 52Page - ATMEL Corporation AVR32AP Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 181 page
background image
49
32001A–AVR32–06/06
AVR32
The U0 segment is accessible in the unprivileged user mode. This segment is cacheable and
translated, depending upon the configuration of the cache and the memory management unit. If
accesses to other memory addresses than the ones within U0 is made in application mode, an
access error exception is issued.
The virtual address map is summarized in Table 4-1.
The segment translation can be disabled by clearing the S bit in the MMUCR. This will place all
the virtual memory space into a single 4 GB mapped memory space. Segment translation is
enabled by default.
The AVR32 architecture has two translations of addresses.
1.
Segment translation (enabled by the MMUCR[S] bit)
2.
Page translation (enabled by the MMUCR[E] bit)
Both these translations are performed by the MMU and they can be applied independent of each
other. This means that you can enable:
1.
No translation. Virtual and physical addresses are the same.
2.
Segment translation only. The virtual and physical addresses are the same for
addresses residing in the P0, P4 and U0 segments. P1, P2 and P3 are mapped to the
physical address range 0x00000000 to 0x1FFFFFFF.
3.
Page translation only. All addresses are mapped as described by the TLB entries.
Doing this will give all access permission control to the AP bits in the TLB entry match-
ing the virtual address, and allow all virtual addresses to be translated.
4.
Both segment and page translations. P1 and P2 are mapped to the physical address
range 0x00000000 to 0x1FFFFFFF. U0, P0 and P3 are mapped as described by the
TLB entries. The virtual and physical addresses are the same for addresses residing in
the P4 segment.
The segment translation is by default turned on and the page translation is by default turned off
after reset. The segment translation is summarized in Figure 4-2 on page 50.
Table 4-1.
The virtual address map
Virtual
address
[31:29]
Segment
name
Virtual
Address Range
Segment
size
Accessible
from
Default
segment
translated
Characteristics
111
P4
0xFFFF_FFFF to
0xE000_0000
512 Mb
Privileged
No
System space
Unmapped, Uncacheable
110
P3
0xDFFF_FFFF to
0xC000_0000
512 Mb
Privileged
Yes
Mapped,
Cacheable
101
P2
0xBFFF_FFFF to
0xA000_0000
512 Mb
Privileged
Yes
Unmapped, Uncacheable
100
P1
0x9FFF_FFFF to
0x8000_0000
512 Mb
Privileged
Yes
Unmapped, Cacheable
0xx
P0 / U0
0x7FFF_FFFF to
0x0000_0000
2 Gb
Unprivileged
Privileged
No
Mapped, Cacheable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com