Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8801 Datasheet(PDF) 60 Page - OSRAM GmbH

Part # TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Datasheet(HTML) 60 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 56Page - OSRAM GmbH TMF8801 Datasheet HTML 57Page - OSRAM GmbH TMF8801 Datasheet HTML 58Page - OSRAM GmbH TMF8801 Datasheet HTML 59Page - OSRAM GmbH TMF8801 Datasheet HTML 60Page - OSRAM GmbH TMF8801 Datasheet HTML 61Page - OSRAM GmbH TMF8801 Datasheet HTML 62Page - OSRAM GmbH TMF8801 Datasheet HTML 63Page - OSRAM GmbH TMF8801 Datasheet HTML 64Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
Document Feedback
TMF8801
Application Information
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 59
9
Application Information
9.1
SPAD Options
9.1.1
Signal SPADs
Firmware can enable/disable SPADs in the array as needed.
Figure 117:
Signal SPADs
Min
Nom
Max
Comment
1x SPADS
72
10x Attenuated SPADs
16
100x Attenuated SPADs
16
Physically there are 4x32=128 signal SPADs, but SPADs with too high dark count rate are disabled
during production test. There are four TDCs (TDC1…TDC4) connected to the output of the SPADs.
Each of the TDCs is connected to an array of 32 SPADs (SPADs with too high dark count rate are
disabled). In distance mode the number of SPADs are reduced to typ. 40 SPADs to limit the FOV of
the TMF8801.
9.1.2
Reference SPADs
Figure 118:
Reference SPADs
Min
Nom
Max
Comment
100x Attenuated SPADs
9
Due to the high light intensity form the VCSEL which is located very close to the reference SPADs and
has no optical barrier like the signal SPADs only highly attenuated SPADs are used. Physically there
are 12 reference SPADs, but SPADs with too high dark count rate are disabled during production test.
There is one TDC (TDC0) connected to the output of the SPADs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com