Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8801 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 16Page - OSRAM GmbH TMF8801 Datasheet HTML 17Page - OSRAM GmbH TMF8801 Datasheet HTML 18Page - OSRAM GmbH TMF8801 Datasheet HTML 19Page - OSRAM GmbH TMF8801 Datasheet HTML 20Page - OSRAM GmbH TMF8801 Datasheet HTML 21Page - OSRAM GmbH TMF8801 Datasheet HTML 22Page - OSRAM GmbH TMF8801 Datasheet HTML 23Page - OSRAM GmbH TMF8801 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
Document Feedback
TMF8801
Functional Description
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 19
Parameter
Condition
Min
Nom
Max
Units
Accuracy
Object distance
≥ 200 mm
±5
%
100 mm
≤ object distance < 200 mm
±10
mm
20 mm
≤ object distance < 100 mm
±15
mm
Transition short to
long distance mode
200
mm
(1)
To achieve the full distance, the oscillator need to be tuned to 4.7 MHz. Use ams OSRAM reference code to implement
clock frequency tuning.
Any target reported above 2500 mm should be considered as no object.
(2)
360 lux halogen light represents 2.5 k sunlight equivalent; light on object only.
(3)
1400 lux halogen light represents 10 k sunlight equivalent; light on object only
(4)
14000 lux halogen light represents 100 k sunlight equivalent; light on object only
7.7
VCSEL
Internal protection ensures no single point of failure will cause the VCSEL to violate the Class 1 Laser
Safety.
Laser Safety
Class 1
VCSEL Pulse Rep Rate
23 ns (43 MHz; 37.6 MHz if clock frequency tuned to 4.7MHz)
If VCSEL_clk_div=1 the frequency is divided by two.
7.8
Typical Optical Characteristics
VCSEL Field of Illumination (FOI) 21º
full width from 5% of maximum up to maximum
19º
1/e^2
TOF Sensor Field of View (FOV) 37º
FWHM
– for short distances
24º
FWHM
– for long distances
The SPAD FoV angular response uses the full TMF8801 SPADs for short distances. The SPAD FoV
is reduced when the TMF8801 operates in long distance since the SPAD array is reduced. This helps
to improve ambient light tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com