Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8801 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 26Page - OSRAM GmbH TMF8801 Datasheet HTML 27Page - OSRAM GmbH TMF8801 Datasheet HTML 28Page - OSRAM GmbH TMF8801 Datasheet HTML 29Page - OSRAM GmbH TMF8801 Datasheet HTML 30Page - OSRAM GmbH TMF8801 Datasheet HTML 31Page - OSRAM GmbH TMF8801 Datasheet HTML 32Page - OSRAM GmbH TMF8801 Datasheet HTML 33Page - OSRAM GmbH TMF8801 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
Document Feedback
TMF8801
Register Description
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 29
cmd_data5 = Bits for GPIO control
Bits
Definition
3:0
GPIO0 settings
0
– Input
1 - Input: active low disables collection, immediately abandoning
current measurement. Returning to high restarts new
measurement
2 - Input: active high disables collection, immediately
abandoning current measurement. Returning to low restarts new
measurement
3 - Output: VCSEL pulse output
– see cmd_data4
4 - Output low (default after startup)
5 - Output high
6:15
– Reserved, do not use
7:4
GPIO1 settings
0 - Input
1 - Input: active low disables collection, immediately abandoning
current measurement. Returning to high restarts new
measurement
2 - Input: active high disables collection, immediately
abandoning current measurement. Returning to low restarts new
measurement
3 - Output: VCSEL pulse output
– see cmd_data4
4 - Output low (default after startup)
5 - Output high
6:15
– Reserved, do not use
cmd_data4 = If cmd_data5 enables VCSEL pulse output for GPIO0
and/or GPIO1, cmd_data4 sets its timings as follows:
Value
Meaning
0
No signal
1
GPIOx, rises 0 µs time before VCSEL pulse starts
2
GPIOx rises 100 µs before VCSEL pulse
3
GPIOx rises 200 µs before VCSEL pulse and so on
The falling edge of GPIOx happens at the same time the VCSEL stops
emitting light.
cmd_data3 = Object detection threshold and spread spectrum mode
Bits
Definition
5:0
Object detection threshold
– use 0 as default value
6
spread_spectrum_mode: If set, avoids aliasing of objects into
measurement range. Use together with VCSEL_clk_div2=1
otherwise maximum distance is reduced and false objects at far
distance can occur.
7
Set to ‘0’
cmd_data2 = repetition_period in mSec, use 0 for single
measurement; if the repetition period is set lower than the ranging time
for this mode, the TMF8801 runs at it maximum possible speed (best
effort approach).
cmd_data1 = Number of iterations, low byte; 1 LSB=1 k
cmd_data0 = Number of iterations, high byte; 1 LSB=1 k*256
Once a measurement is finished, the interrupt is asserted if it is
enabled by int1_enab. Additionally the transaction ID tid is updated
0x08
Write additional configuration for application
– only available for
firmware version 3.0.22 or higher
cmd_data4 = Persistence 8-bit value for interrupt suppression



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com