Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8801 Datasheet(PDF) 29 Page - OSRAM GmbH

Part # TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 25Page - OSRAM GmbH TMF8801 Datasheet HTML 26Page - OSRAM GmbH TMF8801 Datasheet HTML 27Page - OSRAM GmbH TMF8801 Datasheet HTML 28Page - OSRAM GmbH TMF8801 Datasheet HTML 29Page - OSRAM GmbH TMF8801 Datasheet HTML 30Page - OSRAM GmbH TMF8801 Datasheet HTML 31Page - OSRAM GmbH TMF8801 Datasheet HTML 32Page - OSRAM GmbH TMF8801 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
Document Feedback
TMF8801
Register Description
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 28
8.9.11
COMMAND Register (Address 0x10)
Figure 39:
COMMAND Register
Addr: 0x10
COMMAND
Field
Name
Rst
Type
Description
7:0
command
0
RW
Direct the device to control or select contents of the registers from
0x20...0xDF
Setting
Meaning
0x00
No command
0x02
Set flag to perform target distance measurement with 8 bytes of data
containing where including setting of calibration (and algorithm state)
configuration.
cmd_data7 = Bit mask which calibration/state data was downloaded
from the host to TMF8801 prior to setting this command:
Bits
Definition
0
dataFactoryCal: When 1 data from register 0x20 onward
includes factory calibration
1
dataAlgState: If set, also set dataFactoryCal=1. Data from
register 0x20 onwards includes factory calibration and
algorithm state.
cmd_data6… cmd_data0: Identical to command=0x03.
0x03
Set flag to perform target distance measurement with 7 bytes of data
containing where
cmd_data6 = Bit mask which algorithm is used
Bits
Definition
0
Set to ‘1’
1
Set to ‘1’
2
VCSEL_clk_div2: If set, operates the VCSEL clock at half
frequency - see section 7.7 - and doubles the ranging active time
where the VCSEL is enabled. It is recommended to use together
with spread_spectrum_mode=1.
3
Reserved; set to 0b.
4
algImmediateInterrupt
– When 1 target distance measurement
will immediately report to the host an interrupt of the capturing
caused by a GPIO event; when 0, will only report to the host
when target distance measurement was finished
5
When 1 combine the capture of the short and long distance
histogram for maximum speed
6
Reserved; set to 0.
7
When 1 do not go to standby between measurements (faster
measurement times but higher current consumption)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com