Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8801 Datasheet(PDF) 64 Page - OSRAM GmbH

Part # TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Datasheet(HTML) 64 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 60Page - OSRAM GmbH TMF8801 Datasheet HTML 61Page - OSRAM GmbH TMF8801 Datasheet HTML 62Page - OSRAM GmbH TMF8801 Datasheet HTML 63Page - OSRAM GmbH TMF8801 Datasheet HTML 64Page - OSRAM GmbH TMF8801 Datasheet HTML 65Page - OSRAM GmbH TMF8801 Datasheet HTML 66Page - OSRAM GmbH TMF8801 Datasheet HTML 67Page - OSRAM GmbH TMF8801 Datasheet HTML 68Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
Document Feedback
TMF8801
Application Information
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 63
6.
Upload firmware patch to second TMF8801
7.
Reprogram I²C address for second TMF8801 using command=0x49 where cmd_data0=0 and
cmd_data1=I²C address for second TMF8801
8.
Set EN3=1
9.
Upload firmware patch to third TMF8801
10.
Reprogram I²C address for third TMF8801 using command=0x49 where cmd_data0=0 and
cmd_data1=I²C address for third TMF8801
11.
If there are further devices, repeat last three steps accordingly.
9.4
PCB Layout
Figure 122:
PCB Layout Recommendation
Use GRM155R70J104KA01 (0402 X7R 0.1 µF 6.3 V) or capacitors with same or better performance
for CVDDC, CVDD and CVDDV.
(0402)
VDDC
GNDC
GPIO0
EN
GND
VDD
GPIO1
INT
SCL
SDA
GNDV
VDDV
GND
GND
VDD
VDD
VDD
GND
GPIO1
EN
GPIO0
INT
SCL
SDA
(0402)
(0402)
(0402)
GND PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com