Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8801 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 8Page - OSRAM GmbH TMF8801 Datasheet HTML 9Page - OSRAM GmbH TMF8801 Datasheet HTML 10Page - OSRAM GmbH TMF8801 Datasheet HTML 11Page - OSRAM GmbH TMF8801 Datasheet HTML 12Page - OSRAM GmbH TMF8801 Datasheet HTML 13Page - OSRAM GmbH TMF8801 Datasheet HTML 14Page - OSRAM GmbH TMF8801 Datasheet HTML 15Page - OSRAM GmbH TMF8801 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
Document Feedback
TMF8801
Typical Operating Characteristics
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 11
Figure 9:
1.4 k Lux Halogen Light and 18% Grey Card
Figure 10:
14 k Lux Halogen Light and 18% Grey Card
0
200
400
600
800
1000
1200
1400
1600
0
200
400
600
800
1000
1200
1400
1600
1.4kLux Halogen Light (10kLux sunlight equivalent), Grey Card
Measured Distance vs. Target Distance [mm]
0
100
200
300
400
500
600
700
800
900
1000
0
100
200
300
400
500
600
700
800
900
1000
14kLux Halogen Light (100kLux sunlight equivalent), Grey Card
Measured Distance vs. Target Distance [mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com