Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8801 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 15Page - OSRAM GmbH TMF8801 Datasheet HTML 16Page - OSRAM GmbH TMF8801 Datasheet HTML 17Page - OSRAM GmbH TMF8801 Datasheet HTML 18Page - OSRAM GmbH TMF8801 Datasheet HTML 19Page - OSRAM GmbH TMF8801 Datasheet HTML 20Page - OSRAM GmbH TMF8801 Datasheet HTML 21Page - OSRAM GmbH TMF8801 Datasheet HTML 22Page - OSRAM GmbH TMF8801 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
Document Feedback
TMF8801
Functional Description
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 18
7.6.2
Algorithm Timings
The TMF8801 can adjust the number of iterations and detection threshold using registers. A default
mode is defined having 900 k iterations and threshold=0.
Figure 18:
Algorithm Timings
Parameter
Condition
Min
Nom
Max
Units
Default mode
command=0x02 or 0x03
cmd_data6=0xA3,
cmd_data3=0x00,
cmd_data1=0x03,
cmd_data0=0x84 (900 k iterations)
33
ms
7.6.3
Algorithm Performance Parameters
The algorithm reports distance information of the closest object in 1 mm steps.
Using the timings described in 7.6.2 following performance is achieved:
Figure 19:
Object Detection Algorithm Parameters
Parameter
Condition
Min
Nom
Max
Units
Reflectivity of object
at 940 nm
Perpendicular to TMF8801
18
90
%
Maximum distance
detection,
1.5 m x 1.5 m object
350 lux fluorescent on object, 18%
grey card
2500(1)
mm
360 lux halogen light on object(2),
88% white card
2500(1)
mm
360 lux halogen light on object(2),
18% grey card
1700
mm
1400 lux halogen light on object(3),
88% white card
1500
mm
1400 lux halogen light on object(4),
18% grey card
1250
mm
14000 lux halogen light on object(4),
18% grey card
550
mm
Minimum distance
detection, 18 % grey
card, 20 cm x 26 cm
20
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com