Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8801 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Datasheet(HTML) 4 Page - OSRAM GmbH

  TMF8801 Datasheet HTML 1Page - OSRAM GmbH TMF8801 Datasheet HTML 2Page - OSRAM GmbH TMF8801 Datasheet HTML 3Page - OSRAM GmbH TMF8801 Datasheet HTML 4Page - OSRAM GmbH TMF8801 Datasheet HTML 5Page - OSRAM GmbH TMF8801 Datasheet HTML 6Page - OSRAM GmbH TMF8801 Datasheet HTML 7Page - OSRAM GmbH TMF8801 Datasheet HTML 8Page - OSRAM GmbH TMF8801 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
Document Feedback
TMF8801
General Description
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 3
1
General Description
The TMF8801 is a time-of-flight (TOF) sensor in a single modular package with associated VCSEL.
The TOF device is based on SPAD, TDC and histogram technology. The device achieves 2500 mm
detection range.
1.1
Key Benefits & Features
The benefits and features of TMF8801, Time-of-Flight Sensor, are listed below:
Figure 1:
Added Value of Using TMF8801
Benefits
Features
Small footprint fits in the mobile phone bezel
Modular package - 2.2 mm x 3.6 mm x 1.0 mm
Detecting central closest objects
21ºFOI
Within 5 % of measurement (accuracy); no
multipath and no multiple object problems as
for iToF
Time-to-Digital Converter (TDC)
Direct Time-of-Flight Measurement
Better accuracy detects reliably closest object
Minimum distance 20 mm
Maximum distance 2500 mm
Single Photon Avalanche Photodiode (SPAD)
Histogram based architecture
No complex calibration
Dynamic cover glass calibration
Compensates for dirt on glass
Reliable Operation under demanding use cases
Improved accuracy over temperature and life
Reference SPAD
Make better decisions
Distance and signal quality reported
Class 1 Eye Safe
Fast VCSEL driver with protection
Longer battery life
27 mA power consumption at 30 Hz operation
0.23 mA power consumption at 1 Hz
0.17 mA power consumption at 0.5 Hz
0.26 µA power-down current consumption (EN=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com