Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8801 Datasheet(PDF) 31 Page - OSRAM GmbH

Part # TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Datasheet(HTML) 31 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 27Page - OSRAM GmbH TMF8801 Datasheet HTML 28Page - OSRAM GmbH TMF8801 Datasheet HTML 29Page - OSRAM GmbH TMF8801 Datasheet HTML 30Page - OSRAM GmbH TMF8801 Datasheet HTML 31Page - OSRAM GmbH TMF8801 Datasheet HTML 32Page - OSRAM GmbH TMF8801 Datasheet HTML 33Page - OSRAM GmbH TMF8801 Datasheet HTML 34Page - OSRAM GmbH TMF8801 Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
Document Feedback
TMF8801
Register Description
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 30
Addr: 0x10
COMMAND
Field
Name
Rst
Type
Description
Value
Definition
0
Any result (detect and no-detect) will trigger an interrupt
1-255
An interrupt will only be triggered if the detected
distance is >= low_threshold and
distance <= high_threshold and
the detection happened at least <persistence> consecutive
times
cmd_data3 = low_threshold 8-bit LSB value
cmd_data2 = low_threshold 8-bit MSB value
cmd_data1 = high_threshold 8-bit LSB value
cmd_data0 = high_threshold 8-bit MSB value
0x09
Read additional configuration for application
– only available for
firmware version 3.0.22 or higher.
After the command is executed, the persistence, low_threshold and
high_threshold are stored in registers 0x20 to 0x24
– see section
8.9.22 - Interrupt Suppression Registers
– Result of Command = 0x09
0x0A
Perform factory calibration in the final customer application including
cover glass, no ambient light and no target.
The result from the factory calibration is stored from register 0x20
onwards (14 bytes).
0x0B
Set flag to download calibration (and algorithm state) configuration to
TMF8801
cmd_data0 = Bit mask which calibration/state data was downloaded
from the host to TMF8801 prior to setting this command:
Bits
Definition
0
dataFactoryCal: when 1 data from register 0x20 onward includes
factory calibration
1
dataAlgState: if set, also set dataFactoryCal=1. Data from
register 0x20 onwards includes factory calibration and algorithm
state.
0x0F
Set gpio control setting without actually performing a measurement as
commands 0x02 or 0x03 would do:
cmd_data0 = Bits for GPIO control
Bits
Definition
3:0
GPIO0 settings
0 - Input
1 - Input: active low disables collection, immediately abandoning
current measurement. Returning to high restarts new
measurement
2 - Input: active high disables collection, immediately
abandoning current measurement. Returning to low restarts new
measurement
3 - Output: VCSEL pulse output
4 - Output low
5 - Output high
6:15 - Reserved, do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com