Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8801 Datasheet(PDF) 54 Page - OSRAM GmbH

Part # TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Datasheet(HTML) 54 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 50Page - OSRAM GmbH TMF8801 Datasheet HTML 51Page - OSRAM GmbH TMF8801 Datasheet HTML 52Page - OSRAM GmbH TMF8801 Datasheet HTML 53Page - OSRAM GmbH TMF8801 Datasheet HTML 54Page - OSRAM GmbH TMF8801 Datasheet HTML 55Page - OSRAM GmbH TMF8801 Datasheet HTML 56Page - OSRAM GmbH TMF8801 Datasheet HTML 57Page - OSRAM GmbH TMF8801 Datasheet HTML 58Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
Document Feedback
TMF8801
Register Description
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 53
IDENTIFICATION_NUMBER_1 (Address 0x2B)
Figure 103:
IDENTIFICATION_NUMBER_1 Register
Addr: 0x2B
IDENTIFICATION_NUMBER_1
Field
Name
Rst
Type
Description
7:0
identification_number_1
0
RW
Identification number byte 1
The binary concatenated number of serial_number_0: serial_number_1: identification_number_0:
identification_number_1 registers result in a unique number.
8.9.22
Interrupt Suppression Registers
– Result of Command = 0x09
These registers are only available for firmware version 3.0.22 or higher.
PERSISTANCE Register (Address 0x20)
Figure 104:
PERSISTANCE Register
Addr: 0x20
PERSISTANCE
Field
Name
Rst
Type
Description
7:0
persistence
0
RW
Persistence 8-bit value for interrupt suppression
Value
Definition
0
Any result (detect and no-detect) will trigger an interrupt
1-255
An interrupt will only be triggered if the detected
distance is >= low_threshold and
distance <= high_threshold and
the detection happened at least <persistence> consecutive
times
LOW_THRESHOLD_LSB Register (Address 0x21)
Figure 105:
LOW_THRESHOLD_LSB Register
Addr: 0x21
LOW_THRESHOLD_LSB
Field
Name
Rst
Type
Description
7:0
low_threshold_lsb
0
RW
Interrupt suppression low_threshold
LSB Byte
– see persistence register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com