Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8801 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 12Page - OSRAM GmbH TMF8801 Datasheet HTML 13Page - OSRAM GmbH TMF8801 Datasheet HTML 14Page - OSRAM GmbH TMF8801 Datasheet HTML 15Page - OSRAM GmbH TMF8801 Datasheet HTML 16Page - OSRAM GmbH TMF8801 Datasheet HTML 17Page - OSRAM GmbH TMF8801 Datasheet HTML 18Page - OSRAM GmbH TMF8801 Datasheet HTML 19Page - OSRAM GmbH TMF8801 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
Document Feedback
TMF8801
Functional Description
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 15
7.4
Power Consumption
All current consumption values include silicon process variation. Temperature and voltages are at
nominal conditions (23 ºC and 2.8 V).
Figure 14:
Power Consumption
Parameter
Condition
Min
Nom
Max
Units
Comment
I_VDD Powerdown
Enable Pin
Low I²C Off
0.02
0.26
1
µA
State:
Powerdown
I_VDD Standby CPU
Off, RAM On OSC Off,
pon=0
I²C Wakeup Only
85
µA
State:
Standby
I_VDD Wait CPU Off,
RAM On, OSC On
5 MHz I²C On, Timer
Wakeup
140
µA
State:
Wait
I_VDD Ranging
Processing CPU
Running at 80 MHz No
VCSEL,
No TDC
2.7
mA
State:
Histogram
processing
I_VDD Ranging Active
CPU stopped
VCSEL_clk_div2=0
(default), TDCs running
32.5
mA
State:
Ranging active
I_VDD Ranging Active
CPU stopped
VCSEL_clk_div2=1,
TDCs running
25.2
mA
State:
Ranging active
I_VDD Ranging
Average power
consumption
30 Hz,33 ms
default
settings(1)
27
mA
1 Hz, Ranging
period =
1000 ms
0.23
mA
Firmware 3.0.19.0
or higher,
80 k iterations,
cmd_data6 = 0x23
(algorithm setting
for command 0x02
or 0x03)
0.5 Hz,
Ranging
period =
2000 ms
0.17
mA
Peak VCSEL Current
230
mA
Max VCSEL Duty Cycle
2
%
(1)
Current is reduced to typ. 17.7 mA if iteration is set to 600 k instead of 900 k and output data rate is maintained at 30 Hz
by setting repetition_period = 33 [ms].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com