Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8801 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 19Page - OSRAM GmbH TMF8801 Datasheet HTML 20Page - OSRAM GmbH TMF8801 Datasheet HTML 21Page - OSRAM GmbH TMF8801 Datasheet HTML 22Page - OSRAM GmbH TMF8801 Datasheet HTML 23Page - OSRAM GmbH TMF8801 Datasheet HTML 24Page - OSRAM GmbH TMF8801 Datasheet HTML 25Page - OSRAM GmbH TMF8801 Datasheet HTML 26Page - OSRAM GmbH TMF8801 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
Document Feedback
TMF8801
Register Description
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 22
8.4
ENABLE Register (Address 0xE0)
Figure 24:
ENABLE Register
Addr: 0xE0
ENABLE
Field
Name
Rst
Type
Description
7
cpu_reset
0
RW_SC
Write a '1' here to reset CPU. This generates global
reset, fully resetting CPU and all CPU registers. The bit
resets itself, no need to explicitly clear it.
6
cpu_ready
0
RO
CPU is ready to handle I²C - if this bit is zero, then only
the registers 0xe0 and above are usable, the memory
mapped I²C space is not used.
Bit gets set only explicitly by software, therefore a
functional and running firmware is necessary for this bit
to work.
0
pon
1
R_PUSH
1=Activate oscillator 0=Ask cpu to go to standby
Activating the oscillator is implemented in hardware.
Whenever this register is '0' and a '1' is being written,
the oscillator is being started and CPU receives a
PON1 interrupt. It is implemented in the bootloader to
execute a reset at this point, but the application goes to
an IDLE state.
De-activating the oscillator is a software assisted
process. It is important that the CPU powers down all
modules properly before turning off the oscillator,
therefore this is implemented in firmware. So writing a
'0' to this register will trigger an internal CPU interrupt.
The firmware, after powering down everything, sets the
device into standby state.
8.5
INT_STATUS Register (Address 0xE1)
Figure 25:
INT_STATUS Register
Addr: 0xE1
INT_STATUS
Field
Name
Rst
Type
Description
1
int2
0
R_PUSH1
Raw histogram available interrupt for App0; asserted
when a raw histogram can be retrieved from I²C.
int2 status. If bis is asserted, and int2_enab is asserted
as well, then the INT pin will be pulled low. Writing a '1'
here will clear int1 condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com