Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8801 Datasheet(PDF) 33 Page - OSRAM GmbH

Part # TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 29Page - OSRAM GmbH TMF8801 Datasheet HTML 30Page - OSRAM GmbH TMF8801 Datasheet HTML 31Page - OSRAM GmbH TMF8801 Datasheet HTML 32Page - OSRAM GmbH TMF8801 Datasheet HTML 33Page - OSRAM GmbH TMF8801 Datasheet HTML 34Page - OSRAM GmbH TMF8801 Datasheet HTML 35Page - OSRAM GmbH TMF8801 Datasheet HTML 36Page - OSRAM GmbH TMF8801 Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
Document Feedback
TMF8801
Register Description
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 32
Addr: 0x10
COMMAND
Field
Name
Rst
Type
Description
Bit
Definition
0
mask_gpio0
1
mask_goio1
2
value_gpio0
3
value_gpio1
7:4
always set to 0
The I²C address change is executed only if
(mask_gpio1 & GPIO1) << 1 + (mask_gpio0 & GPIO0) == value_gpio1
<< 1 + value_gpio0
where GPIO1 and GPIO0 is the current status on pin GPIO1 and pin
GPIO0. If this conditional programming is not used, set cmd_data0 to
0x00.
cmd_data1 = New I²C address
Bit
Definition
0
Set to ‘0’
7:1
New I²C address to be used
0x80..
0x93
Read 1 quarter of one histogram - copy histogram bits[4:2] to select
TDC0…TDC4, quarter bits[1:0] into 0x20..0x9f
NOTE: At the end of the transaction of read a quarter, the contents of
the registers from 0x20-0x9F will be automatically updated, and the
contents of registers REGISTER_CONTENTS and TID will be updated
NOTE: At the end of a TDC, the TDC number will also auto increment.
0xFF
Stop whatever you are doing as soon as possible and reenter the idle
state. The current state will not be interrupted and will require leaving
the current state processing to take effect. This command will stop
continuous measurement.
8.9.12
PREVIOUS Register (Address 0x11)
Figure 40:
PREVIOUS Register
Addr: 0x11
PREVIOUS
Field
Name
Rst
Type
Description
7:0
previousCommand
0
RO
Previous command that was executed
(or current if continues mode is selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com