Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8801 Datasheet(PDF) 42 Page - OSRAM GmbH

Part # TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Datasheet(HTML) 42 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 38Page - OSRAM GmbH TMF8801 Datasheet HTML 39Page - OSRAM GmbH TMF8801 Datasheet HTML 40Page - OSRAM GmbH TMF8801 Datasheet HTML 41Page - OSRAM GmbH TMF8801 Datasheet HTML 42Page - OSRAM GmbH TMF8801 Datasheet HTML 43Page - OSRAM GmbH TMF8801 Datasheet HTML 44Page - OSRAM GmbH TMF8801 Datasheet HTML 45Page - OSRAM GmbH TMF8801 Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
Document Feedback
TMF8801
Register Description
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 41
STATE_DATA_9_XTALK_LSB Register (Address 0x31)
Figure 63:
STATE_DATA_9 Register
Addr: 0x31
STATE_DATA_9_XTALK_LSB
Field
Name
Rst
Type
Description
7:0
xtalk_lsb
0
RO
Crosstalk peak value LSB byte; only
valid with minimal ambient light and no
target within 40 cm in field of view of the
TMF8801
STATE_DATA_10_TJ Register (Address 0x32)
Figure 64:
STATE_DATA_10_TEMPERATURE Register
Addr: 0x32
STATE_DATA_10_TJ
Field
Name
Rst
Type
Description
7:0
temperature
0
RO
8-bit signed integer of the TMF8801
sensor DIE junction temperature in
º
Celsius (e.g. “25” means 25 ºC)
Reference hits and object hits are used for information purposes of the target object and are only
reported if a target is detected with the distance algorithm.
REFERENCE_HITS_0 Register (Address 0x33)
Figure 65:
REFERENCE_HITS_0 Register
Addr: 0x33
REFERENCE_HITS_0
Field
Name
Rst
Type
Description
7:0
reference_hits[7:0]
0
RO
Sum of the reference SPADs hits
during the distance measurement; zero
if no object is detected or distance
algorithm is not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com