Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8801 Datasheet(PDF) 45 Page - OSRAM GmbH

Part # TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Datasheet(HTML) 45 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 41Page - OSRAM GmbH TMF8801 Datasheet HTML 42Page - OSRAM GmbH TMF8801 Datasheet HTML 43Page - OSRAM GmbH TMF8801 Datasheet HTML 44Page - OSRAM GmbH TMF8801 Datasheet HTML 45Page - OSRAM GmbH TMF8801 Datasheet HTML 46Page - OSRAM GmbH TMF8801 Datasheet HTML 47Page - OSRAM GmbH TMF8801 Datasheet HTML 48Page - OSRAM GmbH TMF8801 Datasheet HTML 49Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
Document Feedback
TMF8801
Register Description
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 44
OBJECT_HITS_3 Register (Address 0x3A)
Figure 72:
OBJECT_HITS_3 Register
Addr: 0x3A
OBJECT_HITS_3
Field
Name
Rst
Type
Description
7:0
object_hits[31:24]
0
RO
Sum of the object SPADs hits during the
distance measurement; zero if no object is
detected or distance algorithm is no used
8.9.19
Calibration and Algorithm State Data Exchange
These registers shall be pre-loaded by the host before command=0x02 or 0x0B is executed
FACTORY_CALIB_0 Register (Address 0x20)
Figure 73:
FACTORY_CALIB_0 Register
Addr: 0x20
FACTORY_CALIB_0
Field
Name
Rst
Type
Description
7:0
factory_calib_0
0
RW
Factory calibration data
Bits [3:0] are format revision
Bits [7:4] are bits [3:0] of crosstalk
measurement; this is a summed value
– for
crosstalk specification according to ODG use
xtalk_msb and xtalk_lsb.
FACTORY_CALIB_1 Register (Address 0x21)
Figure 74:
FACTORY_CALIB_1 Register
Addr: 0x21
FACTORY_CALIB_1
Field
Name
Rst
Type
Description
7:0
factory_calib_1
0
RW
Factory calibration data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com