Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8801 Datasheet(PDF) 18 Page - OSRAM GmbH

Part # TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 14Page - OSRAM GmbH TMF8801 Datasheet HTML 15Page - OSRAM GmbH TMF8801 Datasheet HTML 16Page - OSRAM GmbH TMF8801 Datasheet HTML 17Page - OSRAM GmbH TMF8801 Datasheet HTML 18Page - OSRAM GmbH TMF8801 Datasheet HTML 19Page - OSRAM GmbH TMF8801 Datasheet HTML 20Page - OSRAM GmbH TMF8801 Datasheet HTML 21Page - OSRAM GmbH TMF8801 Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
Document Feedback
TMF8801
Functional Description
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 17
7.5.2
Reset Pin and Power-Up Timing
Figure 17:
Reset Pin and Power-Up Timing
Parameter
Min
Nom
Max
Units
Comment
Power On (Boot Time)
3
ms
Does not include RAM
download time
Enable high to ready for
measurement
8
ms
Standby to Active Time
<<1
ms
Active to Standby Time
<<1
ms
Enable Low to Power Down
Time
<<1
ms
7.6
Algorithm Performance
As the performance of the algorithm is dependent on the ROM version, following section only applies
for devices with order code TMF8801-1B (and TMF8801-1BM), calibrated and in-application oscillator
calibration using the reference driver code and patched with the latest software patch from
ams OSRAM
– contact ams OSRAM to identify latest patch version.
To achieve the full distance of 250 cm, the on chip oscillator needs to be tuned to 4.7 MHz.
The TMF8801 is embedded in the application using a 0.38 mm airgap and a glass with an IR ink with
>90 % transmissivity. The glass thickness is 0.5 mm. An additional mask on the opaque ink is
implemented according to TMF8801 optical design guide (external document).
7.6.1
Calibration
To achieve the performance described in the next sections, a calibration of the algorithm needs to be
performed (command = 0x0A). The TMF8801 shall be embedded in the final application and the cover
glass including the IR ink needs to be assembled. The calibration test shall be done in a housing with
minimal ambient light and no target within 40 cm in field of view of the TMF8801.
The TMF8801 generates a calibration data set which is permanently stored on the host.
On each power-up of the TMF8801 the calibration data set is sent by I²C to the TMF8801 prior to
execution of any algorithms (commands=0x02 or 0x0B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com