Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K Datasheet(PDF) 62 Page - OSRAM GmbH

Part # 4LS10K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K Datasheet(HTML) 62 Page - OSRAM GmbH

Back Button 4LS10K Datasheet HTML 58Page - OSRAM GmbH 4LS10K Datasheet HTML 59Page - OSRAM GmbH 4LS10K Datasheet HTML 60Page - OSRAM GmbH 4LS10K Datasheet HTML 61Page - OSRAM GmbH 4LS10K Datasheet HTML 62Page - OSRAM GmbH 4LS10K Datasheet HTML 63Page - OSRAM GmbH 4LS10K Datasheet HTML 64Page - OSRAM GmbH 4LS10K Datasheet HTML 65Page - OSRAM GmbH 4LS10K Datasheet HTML 66Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 115 page
background image
Document Feedback
4LS
Register Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 61
Address: 0x01
Default Value: 0x85
Access: Read/Write
Bit
Bit Name
Default
Bit Description
4:4
Sync Bit
0b
When set to '1' the synchronization of the
serializer phase to the main clock is
performed by an external signal.
When set to '0' automatically
resynchronize at each rising edge of start
of readout.
3:2
Immediate Update
01b
The code 10b request an immediate
update on the effective registers.
After an update event the bits will be
cleared to 01b (no immediate update).
1:0
Update Request
01b
The code 10b request an update from the
shadow registers to the effective registers
on the next falling edge of the line valid
signal.
After an update event the bits will be
cleared to 01b (no update).
These bits have to be written after each
complete set of register configurations to
make the changes active.
(1)
The Region of Interest (ROI) operation is a main feature of 4LS5K. For standard operation, using full line resolution, the
bit should be set to ‘0’.
9.1.3
Status 2 Register (Address 0x02)
Figure 92:
STS2Reg
Address: 0x02
Default Value: 0x00
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:7
2-To-1 Output
0b
When set to ’0’, default mode 1-To-1 is
used.
When set to ‘1’ reduces the number
of outputs taps from 4 to 2 per line and
per segment.
6:6
4-To-1 Output
0b
When set to ’0’, default mode 1-To-1 is
used.
When set to ‘1’ reduces the number
of output taps from 4 to 1 per line and per
segment.
5:5
Auto Start Readout
0b
Activates the automatic start readout
when set
at ‘1’.
4:4
Auto Start A/D
0b
Activates the automatic start A/D
conversion when set
at ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com