Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K Datasheet(PDF) 33 Page - OSRAM GmbH

Part # 4LS10K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button 4LS10K Datasheet HTML 29Page - OSRAM GmbH 4LS10K Datasheet HTML 30Page - OSRAM GmbH 4LS10K Datasheet HTML 31Page - OSRAM GmbH 4LS10K Datasheet HTML 32Page - OSRAM GmbH 4LS10K Datasheet HTML 33Page - OSRAM GmbH 4LS10K Datasheet HTML 34Page - OSRAM GmbH 4LS10K Datasheet HTML 35Page - OSRAM GmbH 4LS10K Datasheet HTML 36Page - OSRAM GmbH 4LS10K Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 32
Figure 41:
Output Bit Rate for Each Transmission Mode
Serial Word Width
Output Bit Rate
8-bit
640 MHz @ 80 MHz MCLK
12-bit
720 MHz @ 60 MHz MCLK
The ADC resolution (End of Range, register 0x0A) should be adjusted to match with the achieved line
rate and serial word width.
If using a different MCLK, please check which PLL Division to use, as reference in the below section
7.8.
7.8
Internal Clock
The sensor presents a PLL that will generate a faster clock according to the input main clock
frequency (MCLK) and transmission mode.
Figure 42:
Main Clock According to the Transmission Mode
Transmission Mode
Maximum MCLK
[MHz]
PLL Clock
Frequency
[MHz]
PLL Clock
Period [ps]
DDR Clock
[MHz]
8-bit
80
640
1.56
320
12-bit
60
720
1.39
360
The PLL also includes a division block to promote the possibility of a lower frequency clock.
Figure 43:
Internal Clock Generation
Register 0x02
Bit [2:0]
Main Clock
0, 2, 4, 8, 16
PLL Clock
N
2
/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com