Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K Datasheet(PDF) 19 Page - OSRAM GmbH

Part # 4LS10K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button 4LS10K Datasheet HTML 15Page - OSRAM GmbH 4LS10K Datasheet HTML 16Page - OSRAM GmbH 4LS10K Datasheet HTML 17Page - OSRAM GmbH 4LS10K Datasheet HTML 18Page - OSRAM GmbH 4LS10K Datasheet HTML 19Page - OSRAM GmbH 4LS10K Datasheet HTML 20Page - OSRAM GmbH 4LS10K Datasheet HTML 21Page - OSRAM GmbH 4LS10K Datasheet HTML 22Page - OSRAM GmbH 4LS10K Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 115 page
background image
Document Feedback
4LS
Typical Operating Characteristics
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 18
Figure 20:
Electro-Optical Characteristics of 4LS RGB for 12-Bit Transmission Mode(1)(2)
Parameter
Red
Green
Blue
Unit
Variant
Full Well Capacity
21.56
21.12
19.61
ke-
QE @ nm
55.97
42.69
40.71
%
Conversion Gain
0.171
0.175
0.1930
DN/e-
Responsivity
0.094
93.05
0.075
63.11
0.07859
59.55
DN/ph
DN/nJ/cm2
Temporal Dark Noise
8.17
47.78
7.66
43.77
10.65
55.18
DN
e-
FSD
3687
3696
3785
DN
Dynamic Range
53.08
53.67
51.01
dB
SNRMax
42.90
42.87
42.55
dB
DSNU
13.35
8.05
3.97
13.52
8.57
6.93
15.15
8.24
5.10
DN
15K
10K
5K
PRNU
0.83
0.81
0.68
0.90
0.80
0.69
0.92
0.79
0.73
%
15K
10K
5K
(1)
The results were obtained using 625 nm, 530 nm, and 470 nm illumination for the red, green and blue lines,
respectively. The ADC ramp gain was adjusted to the equivalent of 1 V swing, for 12-bit ADC mode at 60 MHz (MCLK).
The sensors temperature was approximately 60 ºC (uncontrolled temperature environment). The values presented are
for the default configuration of Full Well around 20 ke- (STS3 Register bits [3:0] = 0x0). Sensor supply levels were the
typical ones: VDDA = 3.3 V and VDDD = 1.8 V. The set Readout mode was 1-To-1. DSNU and PRNU results were
characterized for each variant. The remaining parameters are valid for all variants, once they all share the same silicon.
(2)
The settings used to get these values are those recommended by the European Machine Vision Association standard
1288 from the Machine Vision Sensors and Cameras. https://www.emva.org/standards-technology/emva-1288/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com