Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K Datasheet(PDF) 15 Page - OSRAM GmbH

Part # 4LS10K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button 4LS10K Datasheet HTML 11Page - OSRAM GmbH 4LS10K Datasheet HTML 12Page - OSRAM GmbH 4LS10K Datasheet HTML 13Page - OSRAM GmbH 4LS10K Datasheet HTML 14Page - OSRAM GmbH 4LS10K Datasheet HTML 15Page - OSRAM GmbH 4LS10K Datasheet HTML 16Page - OSRAM GmbH 4LS10K Datasheet HTML 17Page - OSRAM GmbH 4LS10K Datasheet HTML 18Page - OSRAM GmbH 4LS10K Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 115 page
background image
Document Feedback
4LS
Electrical Characteristics
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 14
5
Electrical Characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with production
tests or SQC (Statistical Quality Control) methods.
Figure 17:
Electrical Characteristics of 4LS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analogue power supply
3.2
3.3
3.4
V
VnrmsVDDA
RMS noise on VDDA
5
mV
VnppVDDA
Peak to peak noise on
VDDA
20
mV
VDDDx
Power supply voltage
(Digital, LVDS)
1.7
1.8
1.9
V
VnrmsVDDDx
RMS noise on VDDDx
10
mV
VnppVDDDx
Peak to peak noise on
VDDDx
40
mV
VDDIO
Power supply voltage
on IO
’s
1.7
1.8
1.9
V
VnrmsVDDIO
RMS noise on VDDIO
10
mV
VnppVDDIO
Peak to peak noise on
VDDIO
60
mV
VSSA
Ground for analogue
power supply
0
V
VSSDx
Ground for digital
power supply
0
V
VSSIO
Ground for IO power
supply
0
V
MCLK
Input clock frequency
60 @12-bit
80 @8-bit
MHz
TMCLK
Input clock period
16.67 @ 12-bit
12.5 @ 8-bit
ns
Duty Cycle
Input clock duty cycle
45
50
55
%
Jitter Clock
Input clock jitter (peak
to peak)
100
ps
CLoad
Load capacitance on
digital IO
’s
10
pF
LVDS Output Interface
VCM
Common mode output
voltage
Considering an
expected
resistor of
100
Ω at the
receiver
1
1.2
V
Io
Output current
Register
configurable
0.8
2.8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com