Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K Datasheet(PDF) 30 Page - OSRAM GmbH

Part # 4LS10K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button 4LS10K Datasheet HTML 26Page - OSRAM GmbH 4LS10K Datasheet HTML 27Page - OSRAM GmbH 4LS10K Datasheet HTML 28Page - OSRAM GmbH 4LS10K Datasheet HTML 29Page - OSRAM GmbH 4LS10K Datasheet HTML 30Page - OSRAM GmbH 4LS10K Datasheet HTML 31Page - OSRAM GmbH 4LS10K Datasheet HTML 32Page - OSRAM GmbH 4LS10K Datasheet HTML 33Page - OSRAM GmbH 4LS10K Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 29
7.4
Readout Cycle
The pixel level ADC signal is stored in an SRAM bench, the digital readout is triggered by the external
signal “Start_Readout”. This signal must be sent after the end of A/D conversion, based on the end of
range value. When the sensor receives the signal (rising edge), the readout is started from the most
left pixel to the right. An LVAL signal (at Start_Readout falling edge) is generated to indicate valid pixel
data.
Optionally the start of A/D conversion and start of readout can be triggered automatically from the on
chip state machine. This feature can be enabled over a register bit.
7.4.1
Tap Organization
The following figure presents the pixel distribution to three 2K5 segments over different output taps.
The tap identification is performed as Tap WXLYZ, where W stands for the each 2K5 segment ID,
starting on A as the first and moving on the alphabet for the remaining ones. X stands for each 2K5
segment pixel pair that is read, starting on 1 for the very left (and ending on 4, depending on the
readout mode)
. L stands for Line, where Y identifies the line number. Finally, Z identifies the line’s
segment position, being B (Bottom) or T (Top).
Each segment has 18 LVDS channels: 16 for Data (8 top and 8 bottom (4 each line)) and 2 optional
for DataClk (1 top and 1 bottom). A 15K sensor, will have a total of 108 LVDS channels available.
Depending on the target system, if the user wants to use a 15K sensor with a lower speed, a different
readout mode can be chosen: 2-To-1 or 4-To-1, using less LVDS channels (Section 7.10).
Figure 38:
LVDS Outputs Organization on the First Three 4LS15K Segments
1
2
3
4
...
13
14
15
16
17
18
19
20
2573 2574 2575 2576 2577 2578
Line 2 - Top
Line 1 - Top
Line 1 - Bottom
Line 2 - Bottom
2579 2580
...
5149 5150 5151 5152 5153 5154 5155 5156
...
7725 7726 7727 7728
...
1
2
3
4
...
13
14
15
16
17
18
19
20
2573 2574 2575 2576 2577 2578 2579 2580
...
5149 5150 5151 5152 5153 5154 5155 5156
...
7725 7726 7727 7728
...
1
2
3
4
...
13
14
15
16
17
18
19
20
2573 2574 2575 2576 2577 2578 2579 2580
...
5149 5150 5151 5152 5153 5154 5155 5156
...
7725 7726 7727 7728
...
Tap A1L2T
Tap A2L2T
Tap A3L2T
Tap A4L2T
Tap A1L1T
Tap A2L1T
Tap A3L1T
Tap A4L1T
Tap B1L2T
Tap B2L2T
Tap B3L2T
Tap B4L2T
Tap B1L1T
Tap B2L1T
Tap B3L1T
Tap B4L1T
Tap C1L2T
Tap C2L2T
Tap C3L2T
Tap C4L2T
Tap C1L1T
Tap C2L1T
Tap C3L1T
Tap C4L1T
Tap A1L1B
Tap A2L1B
Tap A3L1B
Tap A4L1B
Tap B1L1B
Tap B2L1B
Tap B3L1B
Tap B4L1B
Tap C1L1B
Tap C2L1B
Tap C3L1B
Tap C4L1B
1
2
3
4
...
13
14
15
16
17
18
19
20
2573 2574 2575 2576 2577 2578 2579 2580
...
5149 5150 5151 5152 5153 5154 5155 5156
...
7725 7726 7727 7728
...
Tap A1L2B
Tap A2L2B
Tap A3L2B
Tap A4L2B
Tap B1L2B
Tap B2L2B
Tap B3L2B
Tap B4L2B
Tap C1L2B
Tap C2L2B
Tap C3L2B
Tap C4L2B
...
...
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com