Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K Datasheet(PDF) 20 Page - OSRAM GmbH

Part # 4LS10K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button 4LS10K Datasheet HTML 16Page - OSRAM GmbH 4LS10K Datasheet HTML 17Page - OSRAM GmbH 4LS10K Datasheet HTML 18Page - OSRAM GmbH 4LS10K Datasheet HTML 19Page - OSRAM GmbH 4LS10K Datasheet HTML 20Page - OSRAM GmbH 4LS10K Datasheet HTML 21Page - OSRAM GmbH 4LS10K Datasheet HTML 22Page - OSRAM GmbH 4LS10K Datasheet HTML 23Page - OSRAM GmbH 4LS10K Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 115 page
background image
Document Feedback
4LS
Typical Operating Characteristics
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 19
6.2
Spectral Characteristics
Figure 21:
4LS Monochrome QE(1)(2)
Figure 22:
4LS RGB + Monochrome QE(1)(2)(3)
(1)
The results were obtained using a tunable LED light source, with a built-in integrating sphere, covering the range of
410 nm
– 940 nm. The ADC ramp gain was adjusted to the equivalent of 1 V swing, for 12-bit ADC mode at 60 MHz
(MCLK). The sensors temperature was approximately 60 ºC (uncontrolled temperature environment). The values
presented are for the default configuration of Full Well around 20 ke- (STS3 Register bits [3:0] = 0x0). Sensor supply
levels were the typical ones: VDDA = 3.3 V and VDDD = 1.8 V. The set Readout mode was 1-To-1. The results are valid
for all variants, once they all share the same silicon.
(2)
The settings used to get these values are those recommended by the European Machine Vision Association standard
1288 from the Machine Vision Sensors and Cameras. https://www.emva.org/standards-technology/emva-1288/
(3)
The RGB sensor QE figure is affected by the coupling of the adjacent lines. There is electrical crosstalk from the Red
line to the Monochrome
line and from the Green line to the Blue line. This effect causes a “bump” in the PTC which in
turn affects the accuracy of the conversion gain calculation and therefore, the QE results. For RGB sensors this effect is
more visible on Top as both Red and Monochrome lines are highly responsive to red illumination, while the Bottom lines
are response in different spectral ranges. For monochrome sensors this effect is equally visible on both and bottom,
once all lines are equally responsive.
0
10
20
30
40
50
60
70
80
370
470
570
670
770
870
970
Wavelength [nm]
QE 4LS15K Mono
0
10
20
30
40
50
60
70
80
370
470
570
670
770
870
970
Wavelength [nm]
4LS15K Blue
4LS15K Green
4LS15K Red
4LS15K Monochrome



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com