Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K Datasheet(PDF) 68 Page - OSRAM GmbH

Part # 4LS10K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K Datasheet(HTML) 68 Page - OSRAM GmbH

Back Button 4LS10K Datasheet HTML 64Page - OSRAM GmbH 4LS10K Datasheet HTML 65Page - OSRAM GmbH 4LS10K Datasheet HTML 66Page - OSRAM GmbH 4LS10K Datasheet HTML 67Page - OSRAM GmbH 4LS10K Datasheet HTML 68Page - OSRAM GmbH 4LS10K Datasheet HTML 69Page - OSRAM GmbH 4LS10K Datasheet HTML 70Page - OSRAM GmbH 4LS10K Datasheet HTML 71Page - OSRAM GmbH 4LS10K Datasheet HTML 72Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 115 page
background image
Document Feedback
4LS
Register Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 67
Bit 5
Bit 4
CVC Bias Current [µA]
1
1
10
Figure 106:
CDS Bias Current Programmed by Register
Bit 3
Bit 2
CDS Bias Current [µA]
0
0
5
0
1
10
1
0
15
1
1
20
Figure 107:
VREF Trimming Current Programmed by Register
Bit 1
Bit 0
Current [µA]
Voltage [V]
0
0
60
1.6
0
1
67.5
1.8
1
0
75
2
1
1
82.5
2.2
9.1.13
Programmable LVDS Register (Address 0x0C)
Figure 108:
PLVDReg
Address: 0x0C
Default Value: 0x8D
Access: Read/Write
Bit
Bit Name
Default
Bit Description
7:5
Bandgap Trimming
100b
It defines the bandgap tuning due to
devices production variations.
4:2
LVDS Bias
011b
It defines the LVDS driver bias current
multiplier.
1:0
VRST Special
Trimming
01b
Internal Debug Purposes
Use default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com