Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K Datasheet(PDF) 40 Page - OSRAM GmbH

Part # 4LS10K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K Datasheet(HTML) 40 Page - OSRAM GmbH

Back Button 4LS10K Datasheet HTML 36Page - OSRAM GmbH 4LS10K Datasheet HTML 37Page - OSRAM GmbH 4LS10K Datasheet HTML 38Page - OSRAM GmbH 4LS10K Datasheet HTML 39Page - OSRAM GmbH 4LS10K Datasheet HTML 40Page - OSRAM GmbH 4LS10K Datasheet HTML 41Page - OSRAM GmbH 4LS10K Datasheet HTML 42Page - OSRAM GmbH 4LS10K Datasheet HTML 43Page - OSRAM GmbH 4LS10K Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 39
7.11
Timings / State Machine
7.11.1
Pixel Timing Diagram Considerations
When stated a value in time (usually ns or µs), this is a fixed or minimum value.
When stated a time duration in 'X' times TMCLK, this is number of clocks that must be respected,
independently of the clock frequency. A clock is equal to TMCLK.
START_AD signal can only be sent to the sensor, after the falling edge from the last sent
SAMPLE signal. It is recommend a minimum number of clocks between SAMPLE falling edge
and START_AD rising edge.
8 x TMCLK for 12-bit mode at 60 MHz
12 x TMCLK for 8-bit mode at 80 MHz
The SAMPLE signal rising edge from the current exposure, can only be sent after A/D
conversion period of the previous exposure.
START READOUT must always be sent before the next A/D conversion (START_AD pulse
rising edge).
For the correct operation of the sensor, the minimum time in TMCLK for START_READOUT pulse
is presented in Figure 56.
Figure 56:
START_READOUT Pulse Configuration
Frequency
Auto Start Readout(1)
External Start Readout
Frequency less or equal
to 80 MHz
Can use Auto Start Readout
Minimum 20 x TMCLK for 4LS15K
Minimum 12 x TMCLK for 4LS10K
Minimum 8 x TMCLK for 4LS5K
(1)
Can be used, however it is recommended to set the readout using an external pulse, as in Figure 56.
Figure 57:
Timing Diagram Assuming Default Configuration for Standard Mode
Exposure On
Exposure On
Exposure On
Act ive
Act ive
Act ive
RST_CVC
RST_CDS
SAMPLE
EXPOSURE
START_AD
ADC
START_READOUT
READOUT
LVAL
DATA
Act ive
Train in g Sequence
Data
Data
Data
Data
(A)
(B)
(D)
(I)
(I)
(E)
(F)
(I)
Act ive
Act ive
Act ive
Act ive
(C)
(G)
(H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com