Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K Datasheet(PDF) 41 Page - OSRAM GmbH

Part # 4LS10K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K Datasheet(HTML) 41 Page - OSRAM GmbH

Back Button 4LS10K Datasheet HTML 37Page - OSRAM GmbH 4LS10K Datasheet HTML 38Page - OSRAM GmbH 4LS10K Datasheet HTML 39Page - OSRAM GmbH 4LS10K Datasheet HTML 40Page - OSRAM GmbH 4LS10K Datasheet HTML 41Page - OSRAM GmbH 4LS10K Datasheet HTML 42Page - OSRAM GmbH 4LS10K Datasheet HTML 43Page - OSRAM GmbH 4LS10K Datasheet HTML 44Page - OSRAM GmbH 4LS10K Datasheet HTML 45Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 40
According to the bit-mode and frequency, is recommended the below minimum timing values.
Figure 58:
Minimum Timing Periods
Timing ID
Description
12-bit @ 60 MHz
8-bit @ 80 MHz
A
RST_CVC
400 ns
500 ns
B
FE(1) RST_CVC & FE(1) RST_CDS
600 ns
750 ns
C
RST_CDS
1 µs
1.25 µs
D
SAMPLE
500 ns(2)
500 ns(3)
E
START_AD
2 x TMCLK
F
START_READOUT
20 x TMCLK(4)
12 x TMCLK(5)
8 x TMCLK(6)
G(7)
FE(1)RST_CDS & RE SAMPLE(2)
10.83 µs(8)
6.475 µs(9)
2287.5 µs(10)
H(7)
Integration Time (G + D)
11.33 µs(8)
6.975 µs(9)
2787.5 µs(10)
I
FE(1)SAMPLE & RE(11) START_AD
8 x TMCLK
12 x TMCLK
(1)
FE stands for Falling Edge.
(2)
Originally, the minimum SAMPLE pulse period is 1 µs. To achieve a higher line rate at 12-bit, the minimum pulse can be
500 µs, maintaining image quality.
(3)
When using full resolution, for 8-bit mode, the SAMPLE can be originally 1 µs, because the Readout time is much
higher than the ADC conversion time, therefore not affecting the line rate. However, when using the ROI feature for
4LS5K, to achieve a higher line rate, the minimum SAMPLE pulse can be decreased to 500 µs, maintaining the image
quality. Please check section 7.11 for details.
(4)
4LS15K
(5)
4LS10K
(6)
4LS5K
(7)
In theory, can be zero which means that the Minimum Integration/Exposure can be the same as SAMPLE time, as in D.
However, please note that this configuration was never tested. Moreover, when using the sensor with the maximum line
rate, does not bring much advantage to reduce this value, because the system would need more illumination power, to
illuminate the target, and the line rate is still limited by the ADC time. Please refer to section 7.11 to check the details of
the state machine implementation.
(8)
For 12-bit, the minimum integration time tested was 11.33 µs (680 clocks for 12-bit @ 60 MHz). Therefore, the minimum
G value is 10.83 µs.
(9)
For 8-bit, for full resolution, the minimum integration time tested was 6.975 µs (558 clocks @ 80 MHz). Therefore, the
minimum G value is 6.475 µs.
(10)
When using 4LS5K ROI feature, the minimum integration time tested was 2787.5 µs (223 clocks @ 80 MHz). Therefore,
the minimum G value is 2287.5 µs.
(11)
RE
– Rising Edge
7.11.2
Readout Time
The readout time is calculated by the following formula, taking in consideration the values on
Figure 48.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com