Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K Datasheet(PDF) 12 Page - OSRAM GmbH

Part # 4LS10K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button 4LS10K Datasheet HTML 8Page - OSRAM GmbH 4LS10K Datasheet HTML 9Page - OSRAM GmbH 4LS10K Datasheet HTML 10Page - OSRAM GmbH 4LS10K Datasheet HTML 11Page - OSRAM GmbH 4LS10K Datasheet HTML 12Page - OSRAM GmbH 4LS10K Datasheet HTML 13Page - OSRAM GmbH 4LS10K Datasheet HTML 14Page - OSRAM GmbH 4LS10K Datasheet HTML 15Page - OSRAM GmbH 4LS10K Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 115 page
background image
Document Feedback
4LS
Pin Assignment
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 11
3
Pin Assignment
3.1
Pin Diagram
The sensor package for 4LS15K, 4LS10K and 4LS5K resolutions is based on a COB of FR4 material.
The die is bonded on an Invar enforcement core through a cavity in the FR4 material. This assembly
guarantees high mechanical stability and planarity of the die. Due to the limited heat dissipation
capability of the Invar core, a low temperature resistance heat sink should be assembled with
maximum contact surface to the back side of the Invar core. The connector (KEL) used on the sensor
headboard is DY01-140S and its mating part is DY11-140FS (optionally can be used DY11-140S).
Figure 13:
Pin Numbering for 15K and 10K (Back View)
Figure 14:
Pin Numbering for 5K (Back View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com