Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K Datasheet(PDF) 54 Page - OSRAM GmbH

Part # 4LS10K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K Datasheet(HTML) 54 Page - OSRAM GmbH

Back Button 4LS10K Datasheet HTML 50Page - OSRAM GmbH 4LS10K Datasheet HTML 51Page - OSRAM GmbH 4LS10K Datasheet HTML 52Page - OSRAM GmbH 4LS10K Datasheet HTML 53Page - OSRAM GmbH 4LS10K Datasheet HTML 54Page - OSRAM GmbH 4LS10K Datasheet HTML 55Page - OSRAM GmbH 4LS10K Datasheet HTML 56Page - OSRAM GmbH 4LS10K Datasheet HTML 57Page - OSRAM GmbH 4LS10K Datasheet HTML 58Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 53
conversion. This circuitry can be enabled or bypassed by means of register 0x01, bit 6. A '0' will
disable the anti-corona circuitry and bypass the signal, while a '1' will enable it.
7.13
Temperature Sensor
The image sensor includes a temperature sensor that will provide the silicon temperature over the
MISO line. To retrieve the temperature, the user must perform a read request over the SPI to the
register 0x1B. The temperature is converted from analogue to digital value (8-bit representation) on
every LVAL falling edge, and stored in the register to be read by the user.
The formula to retrieve the temperature from the read digital values (in decimal) is the following:
Equation 14:
������������������������������������������������������������������ =
(������������������������������������������ ������������������������������) − 50.74
1.42
℃
The digital step is approximately 0.7ºC.
The following table presents typical output values for the respective die temperature.
Figure 77:
Temperature and Respective Register Value Read Over SPI
Temperature [ºC]
Value Read [Decimal]
~ 0
51
~ 55
128
~ 120
222
Attention
Please note that the temperature sensor is not a main feature of 4LS. It only monitors the silicon
temperature and does not have any influence in data stability and/or image quality. This
temperature sensor is only providing an indicative temperature value. This functionality is not part of
the core of this product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com