Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K Datasheet(PDF) 23 Page - OSRAM GmbH

Part # 4LS10K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button 4LS10K Datasheet HTML 19Page - OSRAM GmbH 4LS10K Datasheet HTML 20Page - OSRAM GmbH 4LS10K Datasheet HTML 21Page - OSRAM GmbH 4LS10K Datasheet HTML 22Page - OSRAM GmbH 4LS10K Datasheet HTML 23Page - OSRAM GmbH 4LS10K Datasheet HTML 24Page - OSRAM GmbH 4LS10K Datasheet HTML 25Page - OSRAM GmbH 4LS10K Datasheet HTML 26Page - OSRAM GmbH 4LS10K Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 22
Figure 27:
4LS5K Sensor with Two Stitched 2K5 Segments
Each segment is divided symmetrically into Top and Bottom, working independently.
Each Top/ Bottom has:
Two lines. Each line has four LVDS outputs
Individual SPI and PLL (Dataclock - Differential)
Each line has 2576 pixels.
The middle segments have all light sensitive pixels (Figure 25 and Figure 26).
The first and last segments have 16 electrical black pixels located at the very left and
very right end of the sensor, respectively. These black pixels are used to give a reference
for dark signal offsets.
Once 4LS15K has six segments stitched together (4LS10K has four, 4LS5K has two), it can be seen
as 12 individual sensors (eight for 4LS10K, four for 4LS5K) in just one sensor. Having this in
consideration, the user needs to provide MCLK individually
(for each segment’s Top and Bottom) and
perform synchronization. Figure 28 presents the pixel distribution on a 15K sensor and its filter
organization for color sensor version. Each pixel line is separated with a gap of one pixel period from
the next line. The mono version (Figure 29) has no color filter, being all lines the same as Line 2
Top. For 4LS10K and 4LS5K is the same distribution, with lower resolutions.
2560 Light
Sensitive Pixels
16
Electrical
Black
Pixels
16
Electrical
Black
Pixels
2560 Light Sensitive
Pixels
Segment B
Segment A
2560 Light
Sensitive Pixels
16
Electrical
Black
Pixels
16
Electrical
Black
Pixels
2560 Light Sensitive
Pixels
2560 Light
Sensitive Pixels
16
Electrical
Black
Pixels
16
Electrical
Black
Pixels
2560 Light Sensitive
Pixels
2560 Light
Sensitive Pixels
16
Electrical
Black
Pixels
16
Electrical
Black
Pixels
2560 Light Sensitive
Pixels
Line 2 - Top
Line 1 - Top
Line 1 - Bottom
Line 2 - Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com