Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K Datasheet(PDF) 31 Page - OSRAM GmbH

Part # 4LS10K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K Datasheet(HTML) 31 Page - OSRAM GmbH

Back Button 4LS10K Datasheet HTML 27Page - OSRAM GmbH 4LS10K Datasheet HTML 28Page - OSRAM GmbH 4LS10K Datasheet HTML 29Page - OSRAM GmbH 4LS10K Datasheet HTML 30Page - OSRAM GmbH 4LS10K Datasheet HTML 31Page - OSRAM GmbH 4LS10K Datasheet HTML 32Page - OSRAM GmbH 4LS10K Datasheet HTML 33Page - OSRAM GmbH 4LS10K Datasheet HTML 34Page - OSRAM GmbH 4LS10K Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 30
7.5
Automatic Start A/D Conversion and Readout
The sensor features the possibility for the user to place it in semi-automatic mode. In this operation
mode the user only needs to act over the reset signal for CDS and CVC, and the SAMPLE signal.
The start of A/D conversion and the start for the readout will be performed automatically and the data
will be sent to the user with no need for any additional action. To set the sensor to this operation mode
it is necessary to set the bits 4 and 5 of register Status 2 to '1'.
It is also possible to set only one of the operations to automatic. As an example, the start of readout
can be set to automatic and the conversion set to manual, so the user needs to start the conversion by
the START_AD signal, and, as soon the conversion is over, the sensor will start the readout
automatically. Also if only the A/D conversion is set to be performed automatically, the sensor will start
it
as soon as the integration and the readout of previous line is finished, then it is the user’s
responsibility to trigger the readout by the START_READOUT signal of the converted line.
Despite the fact that these features are available and working, it is recommended to use perform the
A/D conversion and readout using external signals, once these were applied for the sensor
characterization phase and currently used in the Evaluation Kit (EK) system. For more details,
regarding implementation, please refer to section 7.11.
7.6
LVDS Output Data Interface
The data of each segment is communicated off chip via a serial LVDS interface. The LVDS output
data interfaces are organized in 16 LVDS data outputs, 4 on each line, on top and on bottom. In
addition to the data interface, there are 2 LVDS data clock interface, for deserialization purposes: one
on top and another on bottom.
The LVDS output current can be programmable over the SPI interface (register Programmable LVDS
register, LVDS bias[4:2]) to grant a safe detection and deserialization. This feature permits to program
the current from 400 µA to 2.8 mA with steps of 400 µA. This driving current can be reduced
(decreasing the noise coupling to the analogue electronics) or increased based on voltage swing
LVDS receiver. Additional, if needed, can also be switched off, drivers setting the configuration bits at
'000'.
A schematic, presenting the principle used of the LVDS transmitter, is presented on Figure 39.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com