Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K Datasheet(PDF) 14 Page - OSRAM GmbH

Part # 4LS10K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button 4LS10K Datasheet HTML 10Page - OSRAM GmbH 4LS10K Datasheet HTML 11Page - OSRAM GmbH 4LS10K Datasheet HTML 12Page - OSRAM GmbH 4LS10K Datasheet HTML 13Page - OSRAM GmbH 4LS10K Datasheet HTML 14Page - OSRAM GmbH 4LS10K Datasheet HTML 15Page - OSRAM GmbH 4LS10K Datasheet HTML 16Page - OSRAM GmbH 4LS10K Datasheet HTML 17Page - OSRAM GmbH 4LS10K Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 115 page
background image
Document Feedback
4LS
Absolute Maximum Ratings
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 13
4
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only. Functional operation of the device at these or any other
conditions beyond those indicated under “Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Figure 16
Absolute Maximum Ratings of 4LS
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VDDD
Supply voltage to ground
-0.3
2.1
V
VDDA
Supply voltage to ground
-0.3
3.6
V
VIO
Input / output pin voltage to
digital Inputs
VSSD-0.3
2.4
V
IIO
Input / output DC forward bias
current
-5
100
mA
ISCR
Input current (latch-up immunity)
±100
mA
JEDEC JESD78-E
Continuous Power Dissipation (at TJ = 85 °C)
PT-15K
Continuous power dissipation
11.5
W
PT-10K
7.7
W
PT-5K
3.85
W
Electrostatic Discharge
ESDHBM
Electrostatic discharge HBM
± 2
kV
Class 2 Device - JEDEC JS-001-2017
Temperature Ranges
TA
Operating ambient temperature
N/A
N/A
°C
Not applicable. TA has to be lower than
TJ such that, when self-heating (s.h.) is
included, TA + s.h.≤ TJ.
TJ must be respected.
RTH, JC
(1)
Junction to
case thermal
resistance
4LS15K
4LS10K
4LS5K
0.8
1.2
2.4
°C/W
See Note(2)
TJ
Operating junction temperature
0
85
°C
Storage Conditions
TSTRG
Storage temperature range
30
°C
RHNC_STRG
Long term storage humidity
60
%
Shelf life
4
years
(1)
Please refer to section 7.13 to readout the junction temperature in application. This is to ensure proper functioning of the
device over lifetime.
(2)
Important: Thermal resistance of sensor typically is only small contributor to total thermal budget.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com