Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K Datasheet(PDF) 80 Page - OSRAM GmbH

Part # 4LS10K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K Datasheet(HTML) 80 Page - OSRAM GmbH

Back Button 4LS10K Datasheet HTML 76Page - OSRAM GmbH 4LS10K Datasheet HTML 77Page - OSRAM GmbH 4LS10K Datasheet HTML 78Page - OSRAM GmbH 4LS10K Datasheet HTML 79Page - OSRAM GmbH 4LS10K Datasheet HTML 80Page - OSRAM GmbH 4LS10K Datasheet HTML 81Page - OSRAM GmbH 4LS10K Datasheet HTML 82Page - OSRAM GmbH 4LS10K Datasheet HTML 83Page - OSRAM GmbH 4LS10K Datasheet HTML 84Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 115 page
background image
Document Feedback
4LS
Register Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 79
Address
Register ID and Description
Default
Value
0x1C
RRQReg
– Sets the address of the register to be read on a read back
operation
0x00
0x1D
STS4Reg- Holds several configuration bits
0x49
0x1E
STS5Reg- Holds several configuration bits
0x30
0x1F
STS6Reg- Holds several configuration bits
0x05
The figure below shows the values of the recommend registers that can be applied to all segments.
Figure 135:
Recommended Sensor Register Setting(1)
Address
Register ID and Description
Recommended Value
0x01
STS1Reg
– Holds several configuration bits
0x19(2)
0x02
STS2Reg
– Holds several configuration bits
0x00(3)
0x0B
PBCReg
– Sets the current provided by the bias block
0x31
0x0C
PLVDReg
– Sets the current used on LVDS driver
0x9D(4)
0x1D
STS4Reg- Holds several configuration bits
0x48
0x1E
STS5Reg- Holds several configuration bits
0x30(5)
0x1F
STS6Reg- Holds several configuration bits
0x35
(1)
The referred registers are the relevant ones for a stable startup and normal sensor operation.
(2)
See the recommended startup sequence recommendation (Section 7.2). Will have different value if using ROI for
4LS5K.
(3)
Dependently of Readout mode, ADC mode and MCLK frequency, the user must use the respective register value.
(4)
Increase the LVDS bias current for a better signal detection.
(5)
This CLK phase configuration is specific for the ams OSRAM test system. CLK phase for PLL clock compensation
should be chosen according to the user hardware, in order to have stable sensor operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com