Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS10K Datasheet(PDF) 115 Page - OSRAM GmbH

Part # 4LS10K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

4LS10K Datasheet(HTML) 115 Page - OSRAM GmbH

Back Button 4LS10K Datasheet HTML 107Page - OSRAM GmbH 4LS10K Datasheet HTML 108Page - OSRAM GmbH 4LS10K Datasheet HTML 109Page - OSRAM GmbH 4LS10K Datasheet HTML 110Page - OSRAM GmbH 4LS10K Datasheet HTML 111Page - OSRAM GmbH 4LS10K Datasheet HTML 112Page - OSRAM GmbH 4LS10K Datasheet HTML 113Page - OSRAM GmbH 4LS10K Datasheet HTML 114Page - OSRAM GmbH 4LS10K Datasheet HTML 115Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 115 / 115 page
background image
Document Feedback
4LS
Legal Information
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 114
15
Legal Information
Copyrights & Disclaimer
Copyright ams-OSRAM AG, Tobelbader Strasse 30, 8141 Premstaetten, Austria-Europe. Trademarks Registered. All rights
reserved. The material herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written
consent of the copyright owner.
Devices sold by ams-OSRAM AG are covered by the warranty and patent indemnification provisions appearing in its General
Terms of Trade. ams-OSRAM AG makes no warranty, express, statutory, implied, or by description regarding the information
set forth herein. ams-OSRAM AG reserves the right to change specifications and prices at any time and without notice.
Therefore, prior to designing this product into a system, it is necessary to check with ams-OSRAM AG for current information.
This product is intended for use in commercial applications. Applications requiring extended temperature range, unusual
environmental requirements, or high reliability applications, such as military, medical life-support or life-sustaining equipment are
specifically not recommended without additional processing by ams-OSRAM AG for each application. This product is provided
by ams-OSRAM AG
“AS IS” and any express or implied warranties, including, but not limited to the implied warranties of
merchantability and fitness for a particular purpose are disclaimed.
ams-OSRAM AG shall not be liable to recipient or any third party for any damages, including but not limited to personal injury,
property damage, loss of profits, loss of use, interruption of business or indirect, special, incidental or consequential damages,
of any kind, in connection with or arising out of the furnishing, performance or use of the technical data herein. No obligation or
liability to recipient or any third party shall arise or flow out of ams-OSRAM AG rendering of technical or other services.
RoHS Compliant & ams Green Statement
RoHS Compliant: The term RoHS compliant means that ams-OSRAM AG products fully comply with current RoHS directives.
Our semiconductor products do not contain any chemicals for all 6 substance categories plus additional 4 substance categories
(per amendment EU 2015/863), including the requirement that lead not exceed 0.1% by weight in homogeneous materials.
Where designed to be soldered at high temperatures, RoHS compliant products are suitable for use in specified lead-free
processes.
ams Green (RoHS compliant and no Sb/Br/Cl): ams Green defines that in addition to RoHS compliance, our products are free
of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
and do not contain Chlorine (Cl not exceed 0.1% by weight in homogeneous material).
Important Information: The information provided in this statement represents ams-OSRAM AG knowledge and belief as of the
date that it is provided. ams-OSRAM AG bases its knowledge and belief on information provided by third parties, and makes no
representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third
parties. ams-OSRAM AG has taken and continues to take reasonable steps to provide representative and accurate information
but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. ams-OSRAM AG
and ams-OSRAM AG suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
Headquarters
ams-OSRAM AG
Tobelbader Strasse 30
8141 Premstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Please visit our website at www.ams.com
Buy our products or get free samples online at www.ams.com/Products
Technical Support is available at www.ams.com/Technical-Support
Provide feedback about this document at www.ams.com/Document-Feedback
For sales offices, distributors and representatives go to www.ams.com/Contact
For further information and requests, e-mail us at ams_sales@ams.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com