Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34716 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 34716
Description  1.0 MHz Dual Switch-Mode DDR Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34716 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 34716 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 25Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
34716
TYPICAL APPLICATIONS
Figure 10. Type III compensation network
1. Choose a value for R1 (R2only applies to Channel 1)
2. Consider a Crossover frequency of one tenth of the
switching frequency, set the Zero pole frequency to
Fcross/10
3. Knowing the LC frequency, the Frequency of Zero 1
and Zero 2 in the compensation network is equal to
FLC
This gives the result
4. Calculate RS by placing the first pole at the ESR zero
frequency
5. Equating pole 2 at the Crossover Frequency to achieve
a faster response and a proper phase margin
TRACKING CONFIGURATIONS
The 34716 allows default Ratiometric tracking on channel
2 by connecting VDDQ to the VREFIN terminal. It has an
internal resistor divider that allows an output of VDDQ/2.
F
CROSS
P
C
R
F
F
1
0
*
2
1
10
1
π
=
=
PO
F
F
R
C
1
*
2
1
π
=
F
F
Z
C
R
F
*
2
1
1
π
=
S
Z
C
R
F
1
2
*
2
1
π
=
2
1
2
1
Z
Z
OX
X
LC
F
F
C
L
F
=
=
=
π
1
*
2
1
Z
F
F
F
C
R
π
=
2
1
*
2
1
Z
S
F
R
C
π
=
S
S
P
C
R
F
*
2
1
1
π
=
S
P
S
C
F
R
1
*
2
1
π
=
1
*
*
2
1
P
X
ESR
F
ESR
Co
F
=
=
π
x
F
F
F
P
CROSS
C
C
Cx
C
R
F
F
+
=
=
*
2
1
2
π
1
*
2
2 −
=
P
F
F
F
X
F
C
R
C
C
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com