Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34716 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 34716
Description  1.0 MHz Dual Switch-Mode DDR Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34716 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 34716 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
34716
TYPICAL APPLICATIONS
CONFIGURING THE OUTPUT VOLTAGE:
Channel 1 of the 34716 is a general purpose DC-DC
converter, the resistor divider to the -INV1 node is
responsible for setting the output voltage, according to the
following equation:
Where VREF is the internal VBG=0.7V.
Channel 2 is a DDR specific voltage power supply, and the
output voltage is given by the equation:
Where VREFIN is equal to VDDQ.
SWITCHING FREQUENCY CONFIGURATION
The switching frequency will have a value of 1.0 MHz by
connecting the FREQ terminal to the GND. If the smallest
frequency value of 200 KHz is desired, then connect the
FREQ terminal to VDDI. To program the switching frequency
to another value, an external resistor divider will be
connected to the FREQ terminal to achieve the voltages
given by Table 5.
Table 5.
Frequency Selection Table
SOFT START ADJUSTMENT
Table 6 shows the voltage that should be applied to the
ILIM1 terminal to get the desired desired sort start timing on
channel 1 only.
Table 6. Soft Start Configurations
Figure 9. Resistor divider for Frequency and Soft Start
adjustment
FREQUENCY
VOLTAGE APPLIED TO PIN FREQ
200
2.341 – 2.500
253
2.185 - 2.340
307
2.029 - 2.184
360
1.873 - 2.028
413
1.717 – 1.872
466
1.561 – 1.716
520
1.405 - 1.560
573
1.249 - 1.404
627
1.093 - 1.248
⎟
⎠
⎞
⎜
⎝
⎛
+
=
1
2
1
R
R
V
V
REF
OUT
2
REFIN
TT
V
V
=
680
0.936 - 1.092
733
0.781 - 0.936
787
0.625 - 0.780
840
0.469 - 0.624
893
0.313 - 0.468
947
0.157 - 0.312
1000
0.000 - 0.156
SOFT START [MS]
VOLTAGE APPLIED TO ILIM
3.2
1.19 - 1.49V
1.6
1.50 - 1.81V
0.8
1.82 - 2.13V
0.4
2.14 - 2.50V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com