Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34716 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 34716
Description  1.0 MHz Dual Switch-Mode DDR Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34716 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 34716 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34716
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
In modern microprocessor/memory applications, address
commands and control lines require system level termination
to a voltage (VTT) equal to 1/2 the memory supply voltage
(VDDQ). Having the termination voltage at midpoint, the power
supply insures symmetry for switching times. Also, a
reference voltage (VREF) that is free of any noise or voltage
variations is needed for the DDR SDRAM input receiver,
VREF is also equal to 1/2 VDDQ. Varying the VREF voltage will
effect the setup and hold time of the memory. To comply with
DDR requirements and to obtain best performance, VTT and
VREF need to be tightly regulated to track 1/2 VDDQ across
voltage, temperature, and noise margins. VTT should track
any variations in the DC VREF value (VTT = VREF +/- 40 mV),
(See Figure 4) for a DDR system level diagram.
The 34716 supplies the VDDQ, VTT and a buffered VREF
output. To ensure compliance with DDR specifications, the
VDDQ line is applied to the VREFIN pin and divided by 2
internally through a precision resistor divider. This internal
voltage is then used as the reference voltage for the VTT
output. The same internal voltage is also buffered to give the
VREF voltage at the VREFOUT pin for the application to use
without the need for an external resistor divider. The 34716
provides the tight voltage regulation and power sequencing/
tracking required along with handling the DDR peak transient
current requirements. It gives the user a complete DDR
power supply solution with optimum performance. Buffering
the VREF output helps its immunity against noise and load
changes.
The 34716 utilizes a voltage mode synchronous buck
switching converter topology with integrated low RDS(ON)
(50 m
Ω) N-channel power MOSFETs to provide an output
voltage with an accuracy of less than ±2.0 % output voltage.
It has a programmable switching frequency that allows for
flexibility and optimization over the operating conditions and
can operate at up to 1.0 MHz to significantly reduce the
external components size and cost. The 34716 can supply up
to 5.0 A from one output and sink and source up to 3.0 A of
continuous current from the other output. It provides
protection against output overcurrent, overvoltage,
undervoltage, and overtemperature conditions. It also
protects the system from short circuit events. It incorporates
a power good output signal to alert the host when a fault
occurs.
For boards that support the Suspend-To-RAM (S3) and
the Suspend-To-Disk (S5) states, the 34716 offers the STBY
and the SD pins respectively. Pulling any of these pins low,
puts the IC in the corresponding state.
By integrating the control/supervisory circuitry along with
the Power MOSFET switches for the buck converter into a
space-efficient package, the 34716 offers a complete, small-
size, cost-effective, and simple solution to satisfy the needs
of DDR memory applications.
Besides DDR memory termination, the 34716 can be used
to supply termination for other active buses and graphics card
memory. It can be used in Netcom/Telecom applications like
servers. It can also be used in desktop motherboards, game
consoles, set top boxes, and high end high definition TVs.
Figure 4. DDR System Level Diagram
FUNCTIONAL PIN DESCRIPTION
BOOTSTRAP INPUT (BOOT1, BOOT2)
Bootstrap capacitor input pin. Connect a capacitor (as
discussed in Bootstrap capacitor on page 20) between this
pin and the SW pin of the respective channel to enhance the
gate of the high-side Power MOSFET during switching.
POWER INPUT VOLTAGE (PVIN1, PVIN2)
Buck converter power input voltage. This is the drain of the
buck converter high-side power MOSFET.
SWITCHING NODE (SW1, SW2)
Buck converter switching node. This pin is connected to
the output inductor.
POWER GROUND (PGND1, PGND2)
Buck converter and discharge MOSFETs power ground. It
is the source of the buck converter low-side power MOSFET.
COMPENSATION INPUT (COMP1, COMP2)
Buck converter external compensation network connects
to this pin. Use a type III compensation network.
VDDQ
VDDQ
VTT
VREF
BUS
DDR Memory Controller
DDR Memory Input Receiver
RS
RT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com