Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34716 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 34716
Description  1.0 MHz Dual Switch-Mode DDR Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34716 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  34716 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Document Number: MC34716
Rev. 3.0, 5/2007
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
1.0 MHz Dual Switch-Mode DDR
Power Supply
The 34716 is a highly integrated, space-efficient, low cost, dual
synchronous buck switching regulator with integrated N-channel
power MOSFETs. It is a high performance point-of-load (PoL) power
supply with its second output having the ability to track an external
reference voltage. it provides a full power supply solution for Double-
Data-Rate (DDR) Memories.
Channel one provides a source only 5.0 A drive capability, while
channel two can sink and source up to 3.0 A. Both channels are highly
efficient with tight output regulation. With its high current drive
capability, channel one can be used to supply the VDDQ to the
memory chipset. The second channel’s ability to track a reference
voltage makes it ideal to provide the termination voltage (VTT) for
modern data buses. The 34716 also provides a buffered output
reference voltage (VREFOUT) to the memory chipset
The 34716 offers the designer the flexibility of many control,
supervisory, and protection functions to allow for easy implementation
of complex designs. It is housed in a Pb-Free, thermally enhanced,
and space efficient 26-Pin Exposed Pad QFN.
Features
•50 mΩ Integrated N-Channel Power MOSFETs
• Input Voltage Operating Range from 3.0 V to 6.0 V
•
±1 % Accurate Output Voltages, Ranging from 0.7 V to 3.6 V
• The second output Tracks 1/2 an External Reference Voltage
•
±1 % Accurate Buffered Reference Output Voltage
• Programmable Switching Frequency Range from 200 kHz to
1.0 MHz
• Programmable Soft Start Timing for Channel One
• Over Current Limit and Short Circuit Protection on Both Channels
• Thermal Shutdown
• Output Overvoltage and Undervoltage Detection
• Active Low Power Good Output Signal
• Active Low Standby and Shutdown Inputs
• Pb-Free Packaging Designated by Suffix Code EP.
Figure 1. 34716 Simplified Application Diagram
DUAL SWITCH-MODE DDR POWER
SUPPLY
EP SUFFIX
98ASA10728D
26-PIN QFN
34716
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC34716EP/R2
-40 to 85°C
26 QFN
VIN
PVIN1
3.0V to 6.0V
BOOT1
SW1
COMP1
VOUT1
VREFOUT
GND
VREFIN
VDDI
FREQ
PG
STBY
SD
34716
MCU
DDR Memory
Controller
DDR Memory
Chipset
VIN
Memory Bus
Termination
VTT
VDDQ
VDDQ
VREF
PGND1
PVIN2
BOOT2
SW2
INV2
COMP2
VOUT2
PGND2
VDDQ
ILIM1
INV1
Resistors
VIN


Similar Part No. - 34716

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
3471 KEYSTONE-3471 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Motorola, Inc
34710 MOTOROLA-34710 Datasheet
518Kb / 16P
Adjustable Dual Output Switching Power Supply
logo
Freescale Semiconductor...
34710 FREESCALE-34710 Datasheet
1Mb / 17P
Dual Output DC-DC & Linear Regulator IC
logo
ITT Industries
347100000 ITT-347100000 Datasheet
671Kb / 8P
Thumbwheel Switches
347100001 ITT-347100001 Datasheet
671Kb / 8P
Thumbwheel Switches
More results

Similar Description - 34716

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34712 FREESCALE-34712 Datasheet
477Kb / 23P
3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
34717 FREESCALE-34717 Datasheet
651Kb / 25P
5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
MC34164-3 FREESCALE-MC34164-3 Datasheet
477Kb / 23P
3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
MC34712 FREESCALE-MC34712 Datasheet
547Kb / 24P
3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
MC34713 FREESCALE-MC34713 Datasheet
587Kb / 23P
5.0 A 1.0 MHz Fully Integrated Single Switch-Mode Power Supply
MC34716 FREESCALE-MC34716 Datasheet
772Kb / 27P
1.0 MHz Dual Switch-Mode DDR Power Supply
MC34717 FREESCALE-MC34717 Datasheet
778Kb / 28P
5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
logo
NXP Semiconductors
KT34712UG NXP-KT34712UG Datasheet
2Mb / 16P
Using the 3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
Rev. 4.0, 1/2009
KT34716UG NXP-KT34716UG Datasheet
1,005Kb / 17P
Using the 1.0 MHz Dual Switch-Mode DDR Power Supply
Rev. 3.0, 1/2009
KT34717UG NXP-KT34717UG Datasheet
1Mb / 20P
Using the 5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
Rev. 3.0, 1/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com