Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34716 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 34716
Description  1.0 MHz Dual Switch-Mode DDR Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34716 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 34716 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34716
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 3.0 V
≤ V
IN ≤ 6.0 V, - 40°C ≤ T
A ≤ 85°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
IC INPUT SUPPLY VOLTAGE (VIN)
Input Supply Voltage Operating Range
VIN
3.0
-
6.0
V
Input DC Supply Current (12)
(Normal Mode: SD = 1 & STBY = 1, Unloaded Outputs)
IIN
-
-
35
mA
Input DC Supply Current (12)
(Standby Mode, SD = 1 & STBY = 0)
IINQ
-
-
25
mA
Input DC Supply Current (12)
(Shutdown Mode, SD = 0 & STBY = X)
IINOFF
-
-
100
µA
INTERNAL SUPPLY VOLTAGE OUTPUT (VDDI)
Internal Supply Voltage Range
VDDI
2.35
2.5
2.65
V
CHANNEL 1 BUCK CONVERTER (PVIN1, SW1, PGND1, BOOT1, INV1, COMP1, ILIM1)
CH 1 High-side MOSFET Drain Voltage Range
PVIN
2.5
-
6.0
V
Output Voltage Adjustment Range (13)
VOUTHI1
0.7
-
3.6
V
Output Voltage Accuracy (13), (14), (15)
-
-1.0
-
1.0
%
Line Regulation (13)
(Normal Operation, VIN = 3.0 V to 6.0 V, IOUT1 = +5.0 A)
REGLN1
-1.0
-
1.0
%
Load Regulation (13)
(Normal Operation, IOUT1 = 0.0 A to 5.0 A)
REGLD1
-1.0
-
1.0
%
Error Amplifier Reference Voltage (13)
VREF1
-
0.7
-
V
Output Undervoltage Threshold
VUVR1
-1.5
-
-8.0
%
Output Overvoltage Threshold
VOVR1
1.5
-
8.0
%
Continuous Output Current
IOUT1
-
-
5.0
A
Over Current Limit
ILIM1
-
6.5
-
A
Soft Start Adjusting Reference Voltage Range
VILIM1
1.25
-
VDDI
V
Short Circuit Current Limit
ISHORT1
-
8.5
-
A
High-Side N-CH Power MOSFET (M4) RDS(ON)
(13)
(IOUT1 = 1.0 A, VBOOT1 - VSW1= 3.3 V)
RDS(ON)HS1
15
-
50
m
Ω
Notes
12.
Section “MODES OF OPERATION”, page 15 has a detailed description of the different operating modes of the 34716
13.
Design information only, this parameter is not production tested.
14.
Overall output accuracy is directly affected by the accuracy of the external feedback network, 1% feedback resistors are recommended.
15.
±1% is assured at room temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com