Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34716 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 34716
Description  1.0 MHz Dual Switch-Mode DDR Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34716 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  34716 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34716
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 34716 Pin Connections
Table 1. 34716 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 11.
Pin Number
Pin Name
Pin Function
Formal Name
Definition
1
BOOT1
Passive
Bootstrap
Channel 1 Bootstrap capacitor input pin
2
PVIN1
Supply
Power Input Voltage
Channel 1 Buck converter power input
3
SW1
Input/Output
Switching Node
Channel 1 Buck converter switching node
4
PGND1
Ground
Power Ground
Channel 1 Buck converter and discharge MOSFETs power ground
5
VOUT1
Input
Output Voltage
Discharge Path
Channel 1 Buck converter output voltage discharge pin
6
INV1
Input
Error Amplifier
Inverting Input
Channel 1 Buck converter error amplifier inverting input
7
COMP1
Input
Buck Convertor
Compensation Input
Channel 1 Buck converter external compensation network input
8
VREFIN
Input
Reference Voltage
Input
Voltage tracking reference voltage input
9
VREFOUT
Output
Reference Voltage
Output
This is a buffered reference voltage output
10
PG
Output
Power Good Output
Signal
It is an active low open drain power good status reporting output
11
SD
Input
Shutdown Input
Shutdown mode input control pin
12
COMP2
Input
Buck Convertor
Compensation Input
Channel 2 Buck converter external compensation network input
13
INV2
Input
Error Amplifier
Inverting Input
Channel 2 Buck converter error amplifier inverting input
Transparent
Top View
1
2
3
4
5
6
78
9
10
11 12 13
14
15
16
17
18
19
20
21
22
23
24
25
26
BOOT1
PVIN1
SW1
PGND1
VOUT1
VOUT2
PGND2
SW2
PVIN2
BOOT2
PVIN2
SW2
PGND2
PGND1
SW1
PVIN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com