Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34716 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 34716
Description  1.0 MHz Dual Switch-Mode DDR Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34716 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 34716 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 25Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
34716
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
1.0
2/2006
•
Pre-release version
• Implemented Revision History page
2.0
2/2007
•
Initial release
•
Converted format from Market Assessment to Product Preview
• Major updates to the data, form, and style
3.0
5/2007
•
Changed Feature fom 2% to 1%, relabeled to include soft start
•
Change references for 45 m
Ω Integrated N-Channel Power MOSFETs to 50 mΩ
•
Removed Machine Model in Maximum Ratings
•
Changed Input DC Supply Current (12) , Input DC Supply Current (12), and Input DC Supply Current
(12)
•
Added CH 1 High-side MOSFET Drain Voltage Range
•
Changed Output Voltage Accuracy (13), (14), (15)
•
Changed Soft Start Adjusting Reference Voltage Range and Short Circuit Current Limit
•
Changed High-Side N-CH Power MOSFET (M4) RDS(ON) (13) and Low-Side N-CH Power
MOSFET (M5) RDS(ON) (16)
•
Changed M2 RDS(ON) and PVIN1 Pin Leakage Current
•
Added CH 2 High-side MOSFET Drain Voltage Range
•
Changed Output Voltage Accuracy (16), (17), (18)
•
Changed Short Circuit Current Limit (Sinking and Sourcing)
•
Changed High-Side N-CH Power MOSFET (M6) RDS(ON) (16) and Low-Side N-CH Power
MOSFET (M7) RDS(ON) (16)
•
Changed M3 RDS(ON) and PVIN2 Pin Leakage Current
•
Changed VREFOUT Buffered Reference Voltage Accuracy (21), VREFOUT Buffered Reference
Voltage Current Capability, and VREFOUT Buffered Reference Voltage Over Current Limit
•
Changed STBY Pin Internal Pull Up Resistor and SD Pin Internal Pull Up Resistor
•
Changed Soft Start Duration (Normal Mode)
•
Changed Over Current Limit Retry Time-out Period and Output Undervoltage/Overvoltage Filter
Delay Timer
•
Changed Oscillator Default Switching Frequency, PG Reset Delay, and Thermal Shutdown Retry
Time-out Period (22)
•
Changed definition for Channel 1 Soft Start ADJUStment input (ILIM1)
•
Changed drawings in 34716 Typical Application
•
Changed table for Soft Start Adjustment
•
Removed PC34716EP/R2 from the ordering information and added MC34716EP/R2
•
Changed data sheet status to Advance Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com