Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34716 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 34716
Description  1.0 MHz Dual Switch-Mode DDR Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34716 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 34716 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
34716
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 6. Operation Modes Diagram
MODES OF OPERATION
The 34716 has three primary modes of operation:
Normal Mode
In normal mode, all functions and outputs are fully
operational. To be in this mode, the VIN needs to be within its
operating range, both Shutdown and Standby inputs are
high, and no faults are present. This mode consumes the
most amount of power.
Standby Mode
This mode is predominantly used in Desktop memory
solutions where the DDR supply is desired to be ACPI
compliant (Advanced Configuration and Power Interface).
When this mode is activated by pulling the STBY pin low, VTT
is put in High Z state, IOUT2 = 0 A while VDDQ and VREF stay
active. This is the S3 state Suspend-To-Ram or Self Refresh
mode and it is the lowest DRAM power state. In this mode,
the DRAM will preserve the data. While in this mode, the
34716 consumes less power than in the normal mode,
because the buck converter and most of the internal blocks
are disabled.
Shutdown Mode
In this mode, activated by pulling the SD pin low, the chip
is in a shutdown state and the outputs are all disabled and
discharged. This is the S4/S5 power state or Suspend-To-
Disk state, where the DRAM will loose all of its data content
(no power supplied to the DRAM). The reason to discharge
the VTT and VREF lines is to ensure upon exiting, the
Shutdown Mode that VTT and VREF are lower than VDDQ,
otherwise VTT can remain floating high, and be higher than
VDDQ upon powering up. In this mode, the 34716 consumes
the least amount of power since almost all of the internal
blocks are disabled.
START-UP SEQUENCE
When power is first applied, the 34716 checks the status
of the SD and STBY pins. If the device is in a shutdown mode,
no block will power up and the output will not attempt to ramp.
If the device is in a standby mode, only the VDDI internal
supply voltage and the bias currents are established and no
further activities will occur. Once the SD and STBY pins are
released to enable the device, the internal VDDI POR signal is
also released. The rest of the internal blocks will be enabled,
and the buck converters switching frequency and the VDDQ
Soft start values are determined by reading the FREQ and
V
DDQ > = VUVR1
V
DDQ < = VOVF1
T
J < = 145˚C
t
TIMEOUT Expired
t
TIMEOUT
Expired
t
TIMEOUT
Expired
t
TIMEOUT
Expired
t
TIMEOUT
Expired
T
J < = 145˚C
t
TIMEOUT Expired
V
TT < = VOVF2
V
TT > = VUVR2
SD = 1 &
STBY = 1
3.0V < = V
IN < = 6.0V
T
J > = 170˚C
Shutdown
V
DDQ = Discharge
V
TT = Discharge
V
REF = Discharge
PG = 1
SD = 0 &
STBY = x
SD = 1 &
STBY = 0
SD = 1 &
STBY = 1
Standby
V
DDQ = ON
V
TT = OFF
V
REF = ON
PG = 1
Power Off
V
DDQ = OFF
V
TT = OFF
V
REF = OFF
PG = 1
V
IN < 3.0V
Normal
Fsw is programmed
I
LIM1 is programmed
V
DDQ and VTT tSS = 1
V
DDQ = ON
V
TT = ON
V
REF = ON
PG = 0
V
DDQ
Short Circuit
V
DDQ = OFF
V
TT = ON
V
REF = ON
PG = 1
t
TIMEOUT = 1
Channel 1
Overcurrent
V
DDQ = OFF
V
TT = ON
V
REF = ON
PG = 1
t
TIMEOUT = 1
Channel 1
Thermal Shutdown
V
DDQ = OFF
V
TT = ON
V
REF = ON
PG = 1
V
DDQ
Overvoltage
V
DDQ = ON
V
TT = ON
V
REF = ON
PG = 1
V
DDQ
Undervoltage
V
DDQ = ON
V
TT = ON
V
REF = ON
PG = 1
V
TT
Short Circuit
V
DDQ = ON
V
TT = OFF
V
REF = ON
PG = 1
t
TIMEOUT = 1
Channel 2
Overcurrent
V
DDQ = ON
V
TT = OFF
V
REF = ON
PG = 1
t
TIMEOUT = 1
Channel 2
Thermal Shutdown
V
DDQ = ON
V
TT = OFF
V
REF = ON
PG = 1
V
TT
Overvoltage
V
DDQ = ON
V
TT = ON
V
REF = ON
PG = 1
V
TT
Undervoltage
V
DDQ = ON
V
TT = ON
V
REF = ON
PG = 1
T
J > = 170˚C
V
DDQ < = VUVF1
V
DDQ > = VOVR1
I
OUT1 > = ILIM1
For > = 10ms
I
OUT1 > = ISHORT1
V
TT < = VUVF2
V
TT > = VOVR2
I
OUT2 > = ILIM2
For > = 10ms
I
OUT2 > = ISHORT2
Normal
FSW is programmed
ILM1, is programmed
VDDQ and VTT tss = 1
VDDQ = ON
VTT = ON
PG = 0
Shutdown
VDDQ Discharge
VTT = Discharge
VREF = Discharge
PG = 1
VREF = ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com