Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34716 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 34716
Description  1.0 MHz Dual Switch-Mode DDR Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34716 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 34716 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
34716
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
TRACKING AND SEQUENCING
This block allows the output of channel 2 of the 34716 to
track 1/2 the voltage applied at the VREFIN pin. This allows
the VREF and VTT voltages to track 1/2 VDDQ and assures that
none of them will be higher than VDDQ at any point during
normal operating conditions. For power down during a
shutdown (S5) mode, the 34716 uses internal discharge
MOSFETs (M8, M9, and M10 on Figure 2, page 2) to
discharge VDDQ, VTT, and VREF respectively. These
discharge MOSFETs are only active during shutdown mode.
Using this block along with controlling the SD and STBY pins
can offer the user the device for power sequencing by
controlling when to turn the 34716 outputs on or off.
BUCK CONVERTER
This block provides the main function of the 34716: DC to
DC conversion from an un-regulated input voltage to a
regulated output voltage used by the loads for reliable
operation. The buck converter is a high performance, fixed
frequency (externally adjustable),
Syncronous buck PWM
voltage-mode control with a minimum on time of 100ns.
It drives integrated 50 m
Ω N-channel power MOSFETs
saving board space and enhancing efficiency. The switching
regulator output voltage is adjustable with an accuracy of less
than ±2 % to meet DDR requirements. The regulator's
voltage control loop is compensated using a type III
compensation network, with external components to allow for
optimizing the loop compensation, for a wide range of
operating conditions. A typical Bootstrap circuit with an
internal PMOS switch is used to provide the voltage
necessary to properly enhance the high-side MOSFET gate.
The 34716 is designed to address DDR memory power
supplies. The integrated converter has the ability to supply up
to 5.0 A out of channel 1 and sink and source up to 3.0 A of
continuous current from channel 2, providing a full power
supply solution for DDR applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com