Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34716 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 34716
Description  1.0 MHz Dual Switch-Mode DDR Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34716 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 34716 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
34716
TYPICAL APPLICATIONS
Figure 8. 34716 Typical Application
VREFIN
VREFIN
VIN
FREQ
PVIN1
GND
VIN
VO1
VDDI
PVIN1
PVIN2
VO2
GND
VO1
VMASTER
LED
STBY
SD
FREQ
VM
PG
VMASTER
LED
VREFIN
VREFIN
ILIM1
VIN
GND
ILIM1
PVIN2
VM
I/O SIGNALS
JUMPERS
VIN CAPACITORS
PVIN1 CAPACITORS
TRIMPOTS nopop
PGOOD LED
VMASTER
ILIM1,FREQ
PVIN2 CAPACITORS
R16
10k
R16
10k
C16
0.1uF
C16
0.1uF
D1
LED
D1
LED
R22
10k_nopop
R22
10k_nopop
R12
10k_nopop
R12
10k_nopop
C17
10uF
C17
10uF
C29
100uF
C29
100uF
R21
POT_50K_nopop
R21
POT_50K_nopop
R8
10k
R8
10k
R11
10k
R11
10k
J2
J2
1
2
3
C2
1uF
C2
1uF
C30
0.1uF
C30
0.1uF
C1
0.1uF
C1
0.1uF
R7
1k
R7
1k
J4
J4
1
2
3
C31
1uF
C31
1uF
J3
J3
1
2
3
C3
100uF
C3
100uF
STBY
STBY
1
2
R9
10k
R9
10k
C5
100uF
C5
100uF
R6
POT_50K_nopop
R6
POT_50K_nopop
C32
100uF
C32
100uF
J1
CON10A
J1
CON10A
1
2
3
4
5
6
7
8
9
10
C4
100uF
C4
100uF
SD
SD
1
2
C33
100uF
C33
100uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com