Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34716 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 34716
Description  1.0 MHz Dual Switch-Mode DDR Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34716 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  34716 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
34716
PIN CONNECTIONS
14
VOUT2
Output
Output Voltage
Discharge Path
Channel 2 Buck converter output voltage discharge pin
15
PGND2
Ground
Power Ground
Channel 2 Buck converter and discharge MOSFETs power ground
16
SW2
Input/Output
Switching Node
Channel 2 Buck converter switching node
17
PVIN2
Power
Power Input Voltage
Channel 2 Buck converter power input
18
BOOT2
Input
Bootstrap Input
Channel 2 Bootstrap capacitor input pin
19
ILIM1
Input
Soft Start Adjustment
Input
Channel 1 soft start adjustment
20
NC
None
No Connect
No internal connections to this pin
21
FREQ
Input
Frequency Adjustment
Input
The buck converters switching frequency adjustment input
22,23
VIN
Power
Input Supply Voltage
Power supply voltage of the IC
24
GND
Ground
Signal Ground
Analog ground of the IC
25
VDDI
Output
Internal Supply
Voltage
Internal Supply Voltage Output
26
STBY
Input
Standby Input
Standby mode input control pin
Table 1. 34716 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 11.
Pin Number
Pin Name
Pin Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com