Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34716 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 34716
Description  1.0 MHz Dual Switch-Mode DDR Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34716 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 34716 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
34716
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
Figure 7. 34716 Typical Application
BOOT2
INV1
COMP1
SW2
VO1
SW2
VO2
INV2
COMP2
VO2
SW1
VO1
STBY
GND
VIN
PVIN2
SW2
PVIN1
BOOT1
SW1
GND
GND
VO1
VO2
COMPENSATION
BUCK CONVERTER 1
BUCK CONVERTER 2
NETWORK SW1
COMPENSATION
NETWORK SW2
Vo1_1
Vo1_1
C28
0.1uF
C28
0.1uF
R17
17.4k_nopop
R17
17.4k_nopop
C9
1nF_nopop
C9
1nF_nopop
U1
MC34716
U1
MC34716
BOOT1
1
PGND1
4
SW1
3
PVIN1
2
SW1
3
PGND1
4
PGND2
15
PGND2
15
SW2
16
SW2
16
PVIN2
17
PVIN2
17
BOOT2
18
VOUT2
14
VOUT1
5
PVIN1
2
C10
100uF
C10
100uF
Vo1_2
Vo1_2
C12
0.1uF
C12
0.1uF
BOOT1
BOOT1
C8
100uF
C8
100uF
R20
4.7_nopop
R20
4.7_nopop
C24
100uF
C24
100uF
C14
0.1uF
C14
0.1uF
PG
PG
R2
12.7k
R2
12.7k
R3
4.7_nopop
R3
4.7_nopop
SW1
SW1
VREFIN
VREFIN
C13
0.1uF
C13
0.1uF
R18
300
R18
300
BOOT2
BOOT2
SW2
SW2
C25
100uF
C25
100uF
C18
15pF
C18
15pF
C27
0.1uF
C27
0.1uF
C6
100uF
C6
100uF
GND
GND
SD
SD
VREFOUT
VREFOUT
D2
PMEG2010EA_nopop
D2
PMEG2010EA_nopop
R19
15k
R19
15k
C26
1nF_nopop
C26
1nF_nopop
R1
20k
R1
20k
L2
1.5uH
L2
1.5uH
1
2
L1
1uH
L1
1uH
1
2
R15
22k
R15
22k
C15
0.1uF
C15
0.1uF
PVIN1
PVIN1
COMP1
COMP1
C21
20pF
C21
20pF
COMP2
COMP2
Vo2_1
Vo2_1
FREQ
FREQ
C19
0.75nF
C19
0.75nF
INV1
INV1
C11
0.1uF
C11
0.1uF
STBY
STBY
R4
20k
R4
20k
VIN
VIN
INV2
INV2
C22
1.8nF
C22
1.8nF
VO2_2
VO2_2
VOUT2
VOUT2
C7
100uF
C7
100uF
D3
PMEG2010EA_nopop
D3
PMEG2010EA_nopop
VDDI
VDDI
VOUT1
VOUT1
ILIM1
ILIM1
C23
1nF
C23
1nF
PVIN2
PVIN2
R14
560
R14
560
C20
0.910nF
C20
0.910nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com