Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34716 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 34716
Description  1.0 MHz Dual Switch-Mode DDR Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34716 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 34716 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
34716
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 5. Block Illustration
INTERNAL BIAS CIRCUITS
This block contains all circuits that provide the necessary
supply voltages and bias currents for the internal circuitry. It
consists of:
• Internal Voltage Supply Regulator: This regulator
supplies the VDDI voltage that is used to drive the digital/
analog internal circuits. It is equipped with a Power-On-
Reset (POR) circuit that watches for the right regulation
levels. External filtering is needed on the VDDI pin. This
block will turn off during the shutdown mode.
• Internal Bandgap Reference Voltage: This supplies the
reference voltage to some of the internal circuitry.
• Bias Circuit: This block generates the bias currents
necessary to run all of the blocks in the IC.
SYSTEM CONTROL AND LOGIC
This block is the brain of the IC where the device
processes data and reacts to it. Based on the status of the
STBY and SD pins, the system control reacts accordingly and
orders the device into the right status. It also takes inputs
from all of the monitoring/protection circuits and initiates
power up or power down commands. It communicates with
the buck converter to manage the switching operation and
protects it against any faults.
OSCILLATOR
This block generates the clock cycles necessary to run the
IC digital blocks. It also generates the buck converters
switching frequency. The switching frequency can be
programmed by connecting a resistor divider to the FREQ
pin, between VDDI and GND pins (See Figure 1, page 1).
PROTECTION FUNCTIONS
This block contains the following circuits:
• Over Current Limit and Short Circuit Detection: This
block monitors the output of the buck converters for
over current conditions and short circuit events and
alerts the system control for further command.
• Thermal Limit Detection: This block monitors the
temperature of the device for overheating events. If the
temperature rises above the thermal shutdown
threshold, this block will alert the system control for
further commands.
• Output Overvoltage and Undervoltage Monitoring: This
block monitors the buck converters output voltages to
ensure they are within regulation boundaries. If not, this
block alerts the system control for further commands.
CONTROL AND SUPERVISORY FUNCTIONS
This block is used to interface with an outside host. It
contains the following circuits:
• Standby Control Input: An outside host can put the
34716 device into standby mode (S3 or Suspend-To-
RAM mode) by sending a logic “0” to the STBY pin.
• Shutdown Control Input: An outside host can put the
34716 device into shutdown mode (S5 or Suspend-To-
Disk mode) by sending a logic “0” to the SD pin.
• Power Good Output Signal: The 34716 can
communicate to an outside host that a fault has
occurred by pulling the voltage on the PG pin high
through a pull up resistor.
Internal Bias
System Control
Oscillator
Circuits
& Logic
Control &
Protection
Tracking &
Supervisory
Functions
Functions
Sequencing
2 x Buck Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com