Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34716 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 34716
Description  1.0 MHz Dual Switch-Mode DDR Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34716 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 34716 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34716 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
34716
TYPICAL APPLICATIONS
SELECTING INDUCTOR
Inductor calculation process is the same for both
Channels. The equation is the following:
If channel 1 will be serving as power supply for channel 2,
it is necessary to locate the LC poles at different frequencies
in order to ensure that the input impedance of the second
converter is always higher than the output impedance of the
first converter, and thus, ensure system stability. This can be
achieved by selecting different values for L1 and L2 slightly
higher than the calculated value.
SELECTING THE OUTPUT FILTER CAPACITOR
For the output capacitor, the following considerations are
most important and not the actual Farad value: the physical
size, the ESR of the capacitor, and the voltage rating.
Calculate the minimum output capacitor using the
following formula:
Transient Response percentage:
TR_%
Maximum Transient Voltage:
TR_V_dip = VOUT*TR_%
Maximum Current Step:
Inductor Current Rise Time:
The following formula will be helpful to find the maximum
allowed ESR.
The effects of the ESR is often neglected by the design-
ers and may present a hidden danger to the ultimate supply
stability. Poor quality capacitors have widely disparate ESR
value, which can make the closed loop response inconsis-
tent.
BOOTSTRAP CAPACITOR
The bootstrap capacitor is needed to supply the gate
voltage for the high side MOSFET. This N-Channel MOSFET
needs a voltage difference between its gate and source to be
able to turn on. The high side MOSFET source is the SW
node, so it is not at ground and it is floating and shifting in
voltage. We cannot just apply a voltage directly to the gate of
the high side that is referenced to ground. We need a voltage
referenced to the SW node. This is why the bootstrap
capacitor is needed. This capacitor charges during the high-
side off time. Since the low side will be on during that time,
the SW node and the bottom of the bootstrap capacitor will be
connected to ground, and the top of the capacitor will be
connected to a voltage source. The capacitor will charge up
to that voltage source (for example 5V). Now when the low
side MOSFET switches off and the high side MOSFET
switches on, the SW nodes rise to VIN, and the voltage on the
boot pin will be VCAP + VIN. The gate of the high side will have
VCAP across it and it will be able to stay enhanced. A 0.1µF
capacitor is a good value for this bootstrap element.
TYPE III COMPENSATION NETWORK
Power supplies are desired to offer accurate and tight
regulation output voltages. A high DC gain is required to
accomplish this, but with high gain comes the possibility of
instability. The purpose of adding compensation to the
internal error amplifier is to counteract some of the gains and
phases contained in the control-to-output transfer function
that could jeopardized the stability of the power supply. The
Type III compensation network used for 34716 is comprised
of two poles (one integrator and one high frequency, to
cancel the zero generated from the ESR of the output
capacitor) and two zeros to cancel the two poles generated
from the LC filter as shown in Figure 10.
Maximum Off Time Percentage
T
Switching Period
Drain – to – Source
Resistance of FET
Winding Resistance of Inductor
Output Current Ripple
ls
on
Rds
_
)
(
out
out
out
MAX
I
w
r
ls
on
Rds
I
V
T
D
L
∆
+
+
∗
∗
=
))
_
_
)
(
(
*
(
'
max
_
1
'
Vin
V
D
out
MAX
−
=
w
r _
OUT
OUT
I
I
*
4
.
0
=
∆
dip
V
TR
rise
I
dt
I
Co
OUT
_
_
_
_
*
=
L
Fsw
D
Vout
Vin
step
Iout
*
max
_
*
)
min
_
(
_
−
=
∆
step
I
I
T
rise
I
dt
OUT
OUT
_
*
_
_
∆
=
min)
1
(
*
*
max
D
V
L
Fsw
V
ESR
OUT
OUT
−
∆
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com